Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2822E/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2822E/2K5
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2822E/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2822E/2K5 Datasheet HTML 1Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 2Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 3Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 4Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 5Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 6Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 7Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 8Page - Texas Instruments OPA2822E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA2822
2
SBOS188C
www.ti.com
Supply Voltage .................................................................................
±6.5V
Internal Power Dissipation ........................... See Thermal Characteristics
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range ......................................... –40
°C to +125°C
Lead Temperature (SO-8) ............................................................. +260
°C
Junction Temperature (TJ ) ........................................................... +150°C
ESD Rating (Human Body Model) .................................................. 2000V
(Machine Model) ........................................................... 200V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA2822U
SO-8 Surface-Mount
D
–40
°C to +85°C
OPA2822U
OPA2822U
Rails, 100
""
"
"
"
OPA2822U/2K5
Tape and Reel, 2500
OPA2822E
MSOP-8 Surface-Mount
DGK
–40
°C to +85°C
D22
OPA2822E/250
Tape and Reel, 250
""
"
"
"
OPA2822E/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Texas In-
struments recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
Top View
SO
PIN CONFIGURATION / MSOP PACKING MARKING
MSOP PACKAGE MARKING
1
2
3
4
8
7
6
5
+V
S
Out B
–In B
+In B
Out A
–In A
+In A
–V
S
OPA2822
D22
8
765
1
234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com