Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LS31C Datasheet(PDF) 3 Page - Texas Instruments

Part # AM26LS31C
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31C Datasheet(HTML) 3 Page - Texas Instruments

  AM26LS31C Datasheet HTML 1Page - Texas Instruments AM26LS31C Datasheet HTML 2Page - Texas Instruments AM26LS31C Datasheet HTML 3Page - Texas Instruments AM26LS31C Datasheet HTML 4Page - Texas Instruments AM26LS31C Datasheet HTML 5Page - Texas Instruments AM26LS31C Datasheet HTML 6Page - Texas Instruments AM26LS31C Datasheet HTML 7Page - Texas Instruments AM26LS31C Datasheet HTML 8Page - Texas Instruments AM26LS31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4Y
4Z
NC
G
3Z
1Z
G
NC
2Z
2Y
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
3
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, N , NS, J, or W Package
SOIC, SSOP, PDIP, SO, CDIP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
PDIP, SO, CDIP,
or CFP
LCCC
1A
1
2
I
Logic Data Input to RS422 Driver number 1
1Y
2
3
O
RS-422 Data Line (Driver 1)
1Z
3
4
O
RS-422 Data Line (Driver 1)
G
4
5
I
Driver Enable (active high)
G
12
15
I
Driver Enable (active Low)
2A
7
9
I
Logic Data Input to RS422 Driver number 2
2Y
6
8
O
RS-422 Data Line (Driver 2)
2Z
5
7
O
RS-422 Data Line (Driver 2)
3A
9
12
I
Logic Data Input to RS422 Driver number 3
3Y
10
13
O
RS-422 Data Line (Driver 3)
3Z
11
14
O
RS-422 Data Line (Driver 3)
4A
15
19
I
Logic Data Input to RS422 Driver number 4
4Y
14
18
O
RS-422 Data Line (Driver 4)
4Z
13
17
O
RS-422 Data Line (Driver 4)
VCC
8
20
–
Power Input. Connect to 5-V Power Source.
GND
16
10
–
Device Ground Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com