Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3608TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3608TH
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3608TH Datasheet HTML 1Page - NXP Semiconductors TDA3608TH Datasheet HTML 2Page - NXP Semiconductors TDA3608TH Datasheet HTML 3Page - NXP Semiconductors TDA3608TH Datasheet HTML 4Page - NXP Semiconductors TDA3608TH Datasheet HTML 5Page - NXP Semiconductors TDA3608TH Datasheet HTML 6Page - NXP Semiconductors TDA3608TH Datasheet HTML 7Page - NXP Semiconductors TDA3608TH Datasheet HTML 8Page - NXP Semiconductors TDA3608TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2003 Nov 28
2
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
FEATURES
General
• Two VP-state controlled regulators (regulator 1 and
regulator 3) and a power switch
• Regulator 2 and reset circuit operate during load dump
and thermal shutdown
• Separate control pins for switching regulator 1,
regulator 3 and power switch
• Supply voltage range from −18 to +50 V
• Low reverse current of regulator 2
• Low quiescent current (when regulator 1, regulator 3
and power switch are switched off)
• Hold output circuit for regulator 1 (only valid when
regulator 3 output voltage >1.3 V)
• Reset and hold outputs (open-collector outputs)
• Adjustable reset delay time
• High ripple rejection
• Backup capacitor connection to supply regulator 2 and
reset circuit up to 25 V.
Protections
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the outputs
(supply line may be short circuited)
• ESD protection on all pins
• Thermal protection
• Load dump protection
• Foldback current limit protection for regulator 1,
regulator 2 and regulator 3
• Delayed foldback current limit protection for power
switch (at short-circuit); delay time fixed by reset delay
capacitor
• All regulator outputs and power switch are
DC short-circuited safe to ground and VP.
GENERAL DESCRIPTION
The TDA3608 is a multiple output voltage regulator with a
power switch, intended for use in car radios with or without
a microcontroller. It contains:
• Two fixed output voltage regulators with a foldback
current protection (regulator 1 and regulator 3) and one
fixed output voltage regulator (regulator 2) intended to
supply a microcontroller, which also operates during
load dump and thermal shutdown
• A power switch with protections, operated by an enable
input
• Reset and hold outputs that can be used to interface
with the microcontroller; the reset output can be used to
call up the microcontroller and the hold output indicates
that the regulator 1 output voltage is available and within
the range
• A supply pin which can withstand load dump pulses and
negative supply voltages
• Regulator 2 which is switched on at a backup voltage
higher than 6.5 V and switched off when the regulator 2
output drops below 1.9 V
• A provision for the use of a reserve (backup) supply
capacitor that will hold enough energy for regulator 2
(5 V continuous) to allow a microcontroller to prepare for
loss of voltage.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3608Q
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6
TDA3608TH
HSOP20
plastic, heatsink small outline package; 20 leads; low stand-off height
SOT418-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com