Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2556 Datasheet HTML 17Page - Texas Instruments TLV2556 Datasheet HTML 18Page - Texas Instruments TLV2556 Datasheet HTML 19Page - Texas Instruments TLV2556 Datasheet HTML 20Page - Texas Instruments TLV2556 Datasheet HTML 21Page - Texas Instruments TLV2556 Datasheet HTML 22Page - Texas Instruments TLV2556 Datasheet HTML 23Page - Texas Instruments TLV2556 Datasheet HTML 24Page - Texas Instruments TLV2556 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
21
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
VOH
VOL
VIL
VIH
Last
Clock
tconv
td4
tt3
tt3
I/O CLOCK
EOC
INT
VOH
VOL
VOH
VOL
tt3
tt3
VOH
VOL
MSB
Valid
EOC
INT
DATA
OUT
Figure 41. I/O CLOCK and EOC Voltage
Waveforms
Figure 42. EOC and DATA OUT Voltage
Waveforms
td6
td7
Figure 43. CS and EOC Voltage Waveforms
Figure 44. I/O CLOCK and EOC Voltage
Waveforms
th5
th6
th7
td9
VIL
VOL
VOH
CS
EOC
INT
VOH
VOL
VOH
VIL
I/O CLOCK
EOC
INT
timing information
DATA OUT
1
2
3
5
4
610
11
12
1
I/O CLOCK
Hi–Z State
DATA IN
8
7
9
D7
16
D3
D2
D1
D0
Configure CFGR1
1st Conversion Cycle
CS
First Cycle After Power-Up: Configure CFGR2
Access Cycle
Data Cycle
Invalid Conversion Data
Command 1111
CFGR2 Data
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed.
Figure 45. Timing for CFGR2 Configuration
The host must configure CFGR2 before valid device conversions can begin. This can be accessed through
command 1111. This can be done using eight, twelve, or sixteen I/O CLOCK clocks. (A minimum of eight is
required to fully program CFGR2.)
After CFGR2 is configured, the following cycle configures CFGR1 and a valid sample/conversion is performed.
CS can be held low for each remaining cycle. First valid conversion output data is available on the third cycle
after power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com