| Electronic Components Datasheet Search |
|
REF6145 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF6145 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 36 page ![]() 29 REF6125, REF6130, REF6133, REF6141, REF6145, REF6150 www.ti.com SBOS747B – MAY 2016 – REVISED AUGUST 2016 Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 13 Device and Documentation Support 13.1 Documentation Support 13.1.1 Related Documentation For related documentation see the following: • ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to- Digital Converter Data Sheet (SBAS547) • ADS127L01 24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter Data Sheet (SBAS607) • REF6025EVM-PDK User's Guide (SBAU258) • Voltage-Reference Impact on Total Harmonic Distortion (SLYY097) 13.2 Related Links The following table lists quick access links. Categories include technical documents, support and community resources, tools and software, and quick access to sample or buy. Table 2. Related Links PARTS PRODUCT FOLDER SAMPLE & BUY TECHNICAL DOCUMENTS TOOLS & SOFTWARE SUPPORT & COMMUNITY REF6125 Click here Click here Click here Click here Click here REF6130 Click here Click here Click here Click here Click here REF6133 Click here Click here Click here Click here Click here REF6141 Click here Click here Click here Click here Click here REF6145 Click here Click here Click here Click here Click here REF6150 Click here Click here Click here Click here Click here 13.3 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper right corner, click on Alert me to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 13.4 Community Resources The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help solve problems with fellow engineers. Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and contact information for technical support. 13.5 Trademarks E2E is a trademark of Texas Instruments. All other trademarks are the property of their respective owners. 13.6 Electrostatic Discharge Caution This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |