Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TTS08 Datasheet(PDF) 1 Page - International Rectifier

Part # 10TTS08
Description  PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10TTS08 Datasheet(HTML) 1 Page - International Rectifier

  10TTS08 Datasheet HTML 1Page - International Rectifier 10TTS08 Datasheet HTML 2Page - International Rectifier 10TTS08 Datasheet HTML 3Page - International Rectifier 10TTS08 Datasheet HTML 4Page - International Rectifier 10TTS08 Datasheet HTML 5Page - International Rectifier 10TTS08 Datasheet HTML 6Page - International Rectifier 10TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Preliminary Data Sheet I2143 11/97
PHASE CONTROL SCR
SAFEIR Series
10TTS08
V
T
< 1.15V @ 6.5A
I
TSM
= 140A
V
RRM = 800V
Description/Features
The 10TTS08
SAFEIR series of silicon controlled
rectifiers are specifically designed for medium
power switching and phase control applications.
The glass passivation technology used has reli-
able operation up to 125° C junction temperature.
Typical applications are in input rectification and
crow-bar (soft start) and these products are
designed to be used with International Rectifier
input diodes, switches and output rectifiers which
are available in identical package outlines.
Major Ratings and Characteristics
TO-220AC
Capacitive input filterTA = 55°C,TJ = 125°C,
13.5
17
A
common heatsink of 1°C/W
Output Current in Typical Applications
Applications
Single-phase Bridge
Three-phase Bridge Units
I
T(AV)
Sinusoidal
6.5
A
waveform
I
T(RMS)
10
A
V
RRM/
V
DRM
800
V
I
TSM
140
A
V
T
@ 6.5 A, T
J
= 25°C
1.15
V
dv/dt
150
V/µs
di/dt
100
A/µs
T
J
range
- 40 to 125
°C
Characteristics
10TTS08
Units
Also available in SMD-220 package (series 10TTS08S)
Package Outline


Similar Part No. - 10TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
114Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
Phase Control SCR, 10 A
26-May-08
logo
International Rectifier
10TTS08S IRF-10TTS08S Datasheet
85Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
10TTS08S VISHAY-10TTS08S Datasheet
104Kb / 7P
Surface Mountable Phase Control SCR, 10 A
19-Jun-08
More results

Similar Description - 10TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
PHASE CONTROL SCR
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com