Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75451 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75451
Description  Series Dual Peripheral Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75451 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS75451 Datasheet HTML 1Page - National Semiconductor (TI) DS75451 Datasheet HTML 2Page - National Semiconductor (TI) DS75451 Datasheet HTML 3Page - National Semiconductor (TI) DS75451 Datasheet HTML 4Page - National Semiconductor (TI) DS75451 Datasheet HTML 5Page - National Semiconductor (TI) DS75451 Datasheet HTML 6Page - National Semiconductor (TI) DS75451 Datasheet HTML 7Page - National Semiconductor (TI) DS75451 Datasheet HTML 8Page - National Semiconductor (TI) DS75451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Switching Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ Max
Units
V
OH
High-Level Output Voltage after
Switching
V
S = 20V, IO ≈ 300 mA, (Figure 15)
V
S − 6.5
mV
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 2: Voltage values are with respect to network ground terminal unless otherwise specified.
Note 3: The voltage between two emitters of a multiple-emitter transistor.
Note 4: The maximum voltage which should be applied to any output when it is in the “OFF” state.
Note 5: Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time interval must fall within
the continuous dissipation rating.
Note 6: Unless otherwise specified min/max limits apply across 0˚C to +70˚C range. All typicals are given for VCC = +5V and TA = 25˚C.
Note 7: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Truth Tables (H = high level, L = low level)
DS75451
AB
Y
L
L
L (ON State)
L
H
L (ON State)
H
L
L (ON State)
H
H
H (OFF State)
DS75452
AB
Y
L
L
H (OFF State)
L
H
H (OFF State)
H
L
H (OFF State)
H
H
L (ON State)
DS75453
AB
Y
L
L
L (ON State)
L
H
H (OFF State)
H
L
H (OFF State)
H
H
H (OFF State)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com