Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0232 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 93Page - Texas Instruments TMS570LS0232 Datasheet HTML 94Page - Texas Instruments TMS570LS0232 Datasheet HTML 95Page - Texas Instruments TMS570LS0232 Datasheet HTML 96Page - Texas Instruments TMS570LS0232 Datasheet HTML 97Page - Texas Instruments TMS570LS0232 Datasheet HTML 98Page - Texas Instruments TMS570LS0232 Datasheet HTML 99Page - Texas Instruments TMS570LS0232 Datasheet HTML 100Page - Texas Instruments TMS570LS0232 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
Prefix: TM
TMS = Fully Qualified
TMP = Prototype
TMX = Samples
Core Technology:
570 = Cortex-R4
Architecture:
LS = Lockstep CPUs
(not included in orderable part #)
Flash Memory Size:
02 = 128KB
RAM MemorySize:
3 = 32KB
Peripheral Set:
Die Revision:
Package Type:
PZ = 100-Pin Package
Temperature Range:
Q = –40
to 125 C
o
oC
Quality Designator:
Q1 = Automotive
Shipping Options:
R = Tape and Reel
Full Part #
TMS
570
LS
02
3
2
B
PZ
Q
Q1
R
Orderable Part #
TMS
570
02
3
2
B
PZ
Q
Q1
R
Core Technology:
Architecture:
Flash Memory Size:
RAM MemorySize:
Peripheral Set:
Die Revision:
Blank = Initial Die
A = Die Revision A
B = Die Revision B
Package Type:
Temperature Range:
Quality Designator:
Shipping Options:
Prefix: TM
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
Figure 8-1 illustrates the numbering and symbol nomenclature for the TMS570LS0232.
Figure 8-1. Device Numbering Conventions
Copyright © 2014–2015, Texas Instruments Incorporated
Device and Documentation Support
97
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com