Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5471GHKA Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 5Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 6Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 7Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 8Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 9Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 10Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 11Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
Tables
ix
June 2001 -- Revised December 2002
SPRS180C
List of Tables
Table
Page
2--1
Pin Assignments for the GHK Package
4
................................................
2--2
Terminal Functions
7
.................................................................
2--3
Internal Pullup/Pulldown Terminal List
11
.................................................
3--1
CPU Memory-Mapped Registers
17
.....................................................
3--2
Peripheral Memory-Mapped Registers
18
.................................................
3--3
McBSP Control Registers and Subaddresses
19
..........................................
3--4
Bank-Switching Control Register (BSCR) Bit Fields
20
.......................................
3--5
Relationship Between BNKCMP and Bank Size
21
..........................................
3--6
State of Signals When External Bus Interface is Disabled (EXIO = 1)
21
.......................
3--7
Sample Rate Generator Clock Source Selection
22
.........................................
3--8
DMA Interrupts
23
......................................................................
3--9
DMA Synchronization Events
24
.........................................................
3--10
DMA Channel Interrupt Selection
24
......................................................
3--11
DSP Clock Scaler Values and Minimum REFCLK Frequencies
26
.............................
3--12
DSP Interrupt Mapping
27
...............................................................
3--13
IFR and IMR Register Bit Fields
28
.......................................................
4--1
MCU Memory Space
30
................................................................
4--2
GPIO Control/Status Bits
38
.............................................................
4--3
GPIO_IRQ Bits Definition
38
.............................................................
4--4
MCU Peripheral Interrupt Mapping
41
.....................................................
4--5
Reset Management
43
..................................................................
4--6
DSP Boot Memory
44
...................................................................
4--7
Emulation Mode Selection
44
............................................................
4--8
JTAG TAP Controller Instruction Register Lengths
45
.......................................
6--1
Thermal Resistance Characteristics
49
....................................................
6--2
Divide-By-Two/Divide-By-Four Clock Option Timing Requirements
50
.........................
6--3
Divide-By-Two/Divide-By-Four Clock Option Switching Characteristics
50
......................
6--4
Multiply-By-N Timing Requirements
51
....................................................
6--5
Multiply-By-N Switching Characteristics
51
.................................................
6--6
Memory Read Timing Requirements
52
...................................................
6--7
Memory Read Switching Characteristics
52
................................................
6--8
Memory Write Switching Characteristics
54
................................................
6--9
Parallel I/O Port Read Timing Requirements
56
.............................................
6--10
Parallel I/O Port Read Switching Characteristics
56
.........................................
6--11
Parallel I/O Port Write Switching Characteristics
57
.........................................
6--12
Ready Timing For Externally Generated Wait-States Timing Requirements
58
..................
6--13
Reset and Interrupt Timing Requirements
61
...............................................
6--14
DSP_IAQ and DSP_IACK Switching Characteristics
62
......................................
6--15
DSP_XF and DSP_TOUT Switching Characteristics
63
......................................
6--16
McBSP Receive and Transmit Timing Requirements
64
.....................................
6--17
McBSP Receive and Transmit Switching Characteristics
65
..................................
6--18
McBSP General-Purpose Timing Requirements
67
..........................................
6--19
McBSP General-Purpose Switching Characteristics
67
......................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com