Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7351 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV7351
Description  8-Channel, 짹70V, 3A Programmable High-Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 5 Page - Microchip Technology

  HV7351 Datasheet HTML 1Page - Microchip Technology HV7351 Datasheet HTML 2Page - Microchip Technology HV7351 Datasheet HTML 3Page - Microchip Technology HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005412A-page 5
HV7351
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Positive logic supply (VLL)............................................................................................................................ -0.5V to 5.5V
Positive logic supply voltage (DVDD)............................................................................................................ -0.5V to 5.5V
Positive gate drive supply voltage (PVDD) ................................................................................................... -0.5V to 5.5V
Positive analog supply voltage (AVDD)......................................................................................................... -0.5V to 5.5V
Negative gate drive supply voltage (PVSS) ................................................................................................ +0.5V to -5.5V
High-voltage positive supply voltage (VPP) ................................................................................................. -0.5V to +80V
High-voltage negative supply voltage (VNN) ............................................................................................... +0.5V to -80V
Differential high voltage supply (VPP - VNN)............................................................................................................+160V
Positive floating supply voltage (VPF) .................................................................................................. VPP – 6.0V to VPP
Negative floating supply voltage (VNF).................................................................................................VNN to VNN +6.0V
Positive supply for VNF regulator (VRP)............................................................................................................. 0V to 15V
Negative supply for VPF regulator (VRN) .......................................................................................................... 0V to -15V
Operating temperature ........................................................................................................................... -40°C to +125°C
Storage temperature ............................................................................................................................... -65°C to +150°C
ESD Rating All Pins .............................................................................................................................................. 0.75 kV
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
OPERATING SUPPLY VOLTAGES
Electrical Specifications: Unless otherwise specified: TA = +25°C. Boldface specifications apply over the TA range
of -20 to +85°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Positive High Voltage Supply
VPP
3.0
—
70
V
Note 1
Negative High Voltage Supply
VNN
-70
—
-3.0
V
Logic Interface Voltage
VLL
2.85
3.30
3.6
V
Low-Voltage Positive Analog
Supply Voltage
AVDD
4.75
5.00
5.25
V
Low-Voltage Positive Digital
Supply Voltage
DVDD
4.75
5.00
5.25
V
Low-Voltage Positive Gate Drive
Supply Voltage
PVDD
4.75
5.00
5.25
V
Low-Voltage Negative Gate
Drive Supply Voltage
PVSS
-5.25
-5.00
-4.75
V
Low-Voltage Positive Supply
for VNF Regulator
VRP
4.75
—
12
V
Low-Voltage Negative Supply
for VPF Regulator
VRN
-12
—
-4.75
V
Reference Voltage Logic Trip
Point for TCK Pin
TCK
0.4VLL
0.5VLL
0.6VLL
V
TCK/TCK Input Current
ITCK/ITCK
——
±10
µA
ITCK = 0 to VLL,
TA = +25°C
(Note 1)
Note 1:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com