Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2902 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV2902
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2902 Datasheet(HTML) 3 Page - Microchip Technology

  HV2902 Datasheet HTML 1Page - Microchip Technology HV2902 Datasheet HTML 2Page - Microchip Technology HV2902 Datasheet HTML 3Page - Microchip Technology HV2902 Datasheet HTML 4Page - Microchip Technology HV2902 Datasheet HTML 5Page - Microchip Technology HV2902 Datasheet HTML 6Page - Microchip Technology HV2902 Datasheet HTML 7Page - Microchip Technology HV2902 Datasheet HTML 8Page - Microchip Technology HV2902 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005449A-page 3
HV2802/HV2902
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD Logic Supply Voltage .......................................................................................................................... -0.5V to +6.5V
VPP-VNN Differential Supply......................................................................................................................................220V
VPP Positive Supply ...........................................................................................................................-0.5V to VNN +200V
VNN Negative Supply ................................................................................................................................ +0.5V to -200V
Logic Input Voltage..............................................................................................................................-0.5V to VDD +0.3V
Analog Signal Range .......................................................................................................................................VNN to VPP
Peak Analog Signal Current/Channel ........................................................................................................................3.0A
Power Dissipation .................................................................................................................................................... 1.5W
†Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Note 1 — 3)
Parameter
Symbol
Value
Logic Power Supply Voltage
VDD
+3.0V to +5.5V
Positive Voltage Supply
VPP
+40V to VNN+200V
Negative Voltage Supply
VNN
-40V to -160V
High-Level Input Voltage
VIH
0.9VDD to VDD
Low-Level Input Voltage
VIL
0V to 0.1VDD
Analog Signal Voltage Peak-to-Peak
VSIG
VNN +10V to VPP -10V
Note 1:
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2:
VSIG must be VNN  V SIG  VPP or floating during power up/down transition.
3:
Rise and fall times of power supplies VDD, VPP, and VNN should not be less than 1.0 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com