Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19110T-E/MJ Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP19110T-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110T-E/MJ Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP19110T-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 52Page - Microchip Technology MCP19110T-E/MJ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 49
MCP19110/11
6.13
Analog Peripheral Control
The MCP19110/11 has various analog peripherals.
These peripherals can be configured to allow custom-
izable operation. Refer to Register 6-14 more informa-
tion.
6.13.1
DIODE EMULATION MODE
The MCP19110/11 can operate in either diode
emulation or synchronous rectification mode. When
operating in diode emulation mode, the LDRV signal is
terminated when the voltage across the low-side
MOSFET is approximately 0V. This condition is true
when the inductor current reaches approximately 0A.
Both the HDRV and LDRV signals are low until the
beginning of the next switching cycle. At that time, the
HDRV signal is asserted high, turning on the high-side
MOSFET.
When operating in Synchronous Rectification mode,
the LDRV signal is held high until the beginning of the
next switching cycle. At that time, the HDRV signal is
asserted high, turning on the high-side MOSFET.
The PE1<DECON> bit controls the operating mode of
the MCP19110/11.
6.13.2
HIGH-SIDE DRIVE STRENGTH
The peak source and sink current of the high-side
driver can be configured to either be 1A source/sink or
2A source/sink. The PE1<DVRSTR> bit determines
the high-side drive strength.
6.13.3
MOSFET DRIVER DEAD TIME
As described in Section 6.9 “MOSFET Driver
Programmable Dead Time”, the MOSFET drive dead
time can be adjusted. In order to enable dead time
settings, the proper bypass bits must be cleared.
PE1<HDLYBY> and PE1<LDLYBY> control the delay
circuits. Clearing the respective bits allows the dead
time programmed by the DEADCON register to be
added to the appropriate turn-on edge.
6.13.4
OUTPUT VOLTAGE SENSE
PULL-UP/PULL-DOWN
A high-impedance pull-up on the +VSEN pin can be
configured by setting the PE1<PUEN> bit. When set,
the +VSEN pin is internally pulled-up to VDD.
A high-impedance pull-down on the -VSEN can be
configured by setting the PE1<PDEN> bit. When set,
the -VSEN pin is internally pulled-down to ground.
6.13.5
OUTPUT UNDERVOLTAGE
ACCELERATOR
The MCP19110/11 has additional control circuitry to
allow it to respond quickly to an output undervoltage
condition. The enabling of this circuitry is handled by
the PE1<UVTEE> bit. When this bit is set, the
MCP19110/11 will respond to an output undervoltage
condition by setting both the HDRV and LDRV signals
low and turning off both the high-side and low-side
MOSFETs.
6.13.6
OUTPUT OVERVOLTAGE
ACCELERATOR
The MCP19110/11 has additional control circuitry to
allow it to respond quickly to an output overvoltage
condition. The enabling of this circuitry is handled by
the PE1<OVTEE> bit. When this bit is set, the
MCP19110/11 will respond to an output overvoltage
condition by setting both the HDRV and LDRV signals
low and turning off both the high-side and low-side
MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com