Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16331-E/CH Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP16331-E/CH
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331-E/CH Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP16331-E/CH Datasheet HTML 22Page - Microchip Technology MCP16331-E/CH Datasheet HTML 23Page - Microchip Technology MCP16331-E/CH Datasheet HTML 24Page - Microchip Technology MCP16331-E/CH Datasheet HTML 25Page - Microchip Technology MCP16331-E/CH Datasheet HTML 26Page - Microchip Technology MCP16331-E/CH Datasheet HTML 27Page - Microchip Technology MCP16331-E/CH Datasheet HTML 28Page - Microchip Technology MCP16331-E/CH Datasheet HTML 29Page - Microchip Technology MCP16331-E/CH Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MCP16331
DS20005308B-page 26
 2014 Microchip Technology Inc.
6.0
TYPICAL APPLICATION CIRCUITS
FIGURE 6-1:
Typical Application 50V VIN to 3.3V VOUT.
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
TDK
C5750X7S2A106M2
30KB
Capacitor, 10µF, 100V, X7S, 2220
COUT
2 x 10 µF
Taiyo Yuden
JMK212B7106KG-T Cap. 10 µF 6.3V ceramic X7R 0805 10%
L
15 µH
Coilcraft®
MSS6132-153ML
MSS6132 15 µH shielded power inductor
RTOP
31.6 k
Panasonic®-ECG
ERJ-3EKF3162V
Res. 31.6 KΩ 1/10W 1% 0603 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 KΩ 1/10W 1% 0603 SMD
FW Diode
B1100
Diodes® Inc.
B1100-13-F
Schottky, 100V, 1A, SMA
Boost Diode
1N4148
Diodes Inc.
1N4448WS-7-F
Diode switch 75V 200 mW SOD-323
CB
100 nF
AVX® Corporation
0603YC104KAT2A
Cap. 0.1 µF 16V ceramic X7R 0603 10%
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
4.5V to 50V
RTOP
RBOT
MCP16331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com