Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2200 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2200_15 Datasheet HTML 9Page - Microchip Technology MCP2200_15 Datasheet HTML 10Page - Microchip Technology MCP2200_15 Datasheet HTML 11Page - Microchip Technology MCP2200_15 Datasheet HTML 12Page - Microchip Technology MCP2200_15 Datasheet HTML 13Page - Microchip Technology MCP2200_15 Datasheet HTML 14Page - Microchip Technology MCP2200_15 Datasheet HTML 15Page - Microchip Technology MCP2200_15 Datasheet HTML 16Page - Microchip Technology MCP2200_15 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2011-2015 Microchip Technology Inc.
DS20002228C-page 13
MCP2200
2.3.1.2
ConfigureIO
Function:
bool SimpleIOClass::ConfigureIO (unsigned char IOMap)
EXAMPLE 2-2:
2.3.1.3
ConfigureIODefaultOutput
Function:
bool SimpleIOClass::ConfigureIoDefaultOutput (unsigned char ucIoMap, unsigned char ucDefValue)
EXAMPLE 2-3:
Summary:
Configures the GPIO pins for Digital Input or Digital Output.
Description:
GPIO Pins can be configured as Digital Input or Digital Output.
Precondition:
VID and PID must be previously set via a call to InitMCP2200(VID, PID).
Parameters:
IOMap
- a byte that represents a bitmap of the GPIO configuration:
• a bit set to ‘1’ will be a digital input
• a bit set to ‘0’ will be a digital output
• MSB –
–
–
–
–
–
LSB
GP7 GP6 GP5 GP4 GP3 GP2 GP1 GP0
Returns:
This function returns True if the transmission is successful and returns False if the transmission fails.
Remarks:
Error code is returned in LastError.
Summary:
Configures the IO pins for Digital Input, Digital Output and also the default output latch value.
Description:
IO Pins can be configured as Digital Input or Digital Output. The default output latch value is received
as a parameter.
Precondition:
VID and PID must be previously set via a call to InitMCP2200(VID, PID).
Parameters:
1.
ucIoMap
- a byte that represents a bitmap used to set the GPIOs as either input or output.
•‘1’ configures GPIO as input
•‘0’ configures GPIO as output
•MSB
–
–
–
–
–
–
LSB
GP7 GP6 GP5 GP4 GP3 GP2 GP1 GP0
2.
ucDefValue
- the default value that will be loaded to the output latch (affects only the pins configured as
outputs).
Returns:
This function returns True if the transmission is successful and returns False if the transmission fails.
Remarks:
Error code is returned in LastError.
if (SimpleIOClass::ConfigureIO(0xA5) == SUCCESS)
lblStatusBar->Text = “Success”;
else
lblStatusBar->Text = “Invalid command ” + SimpleIOClass::LastError;
if (SimpleIOClass::ConfigureIoDefaultOutput(IoMap, DefValue) == SUCCESS)
lblStatusBar->Text = “Success”;
else
lblStatusBar->Text = “Invalid command ” + SimpleIOClass::LastError;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com