Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2003B Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2003B
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003B Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2003B Datasheet HTML 9Page - Microchip Technology MCP2003B Datasheet HTML 10Page - Microchip Technology MCP2003B Datasheet HTML 11Page - Microchip Technology MCP2003B Datasheet HTML 12Page - Microchip Technology MCP2003B Datasheet HTML 13Page - Microchip Technology MCP2003B Datasheet HTML 14Page - Microchip Technology MCP2003B Datasheet HTML 15Page - Microchip Technology MCP2003B Datasheet HTML 16Page - Microchip Technology MCP2003B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 13
MCP2003B
2.4
AC Specifications
AC Characteristics
Electrical Characteristics: Unless otherwise indicated, all limits are specified for
VBB = 5.5V to 27.0V
Extended (E): TA = -40°C to +125°C
High (H): TA = -40°C to +150°C
Parameter
Sym.
Min.
Typ.
Max. Units
Test Conditions
Bus Interface – Constant Slope Time Parameters
Slope Rising and Falling Edges
tSLOPE
3.5
22.5
µs
7.3V ≤ VBB ≤ 18V
Propagation Delay of
Transmitter
tTRANSPD
——
4.0
µs
tTRANSPD = max (tTRANSPDR or
tTRANSPDF)
Propagation Delay of Receiver
tRECPD
——
6.0
µs
tRECPD = max (tRECPDR or tRECPDF)
Symmetry of Propagation
Delay of Receiver Rising Edge
w.r.t. Falling Edge
tRECSYM
-2.0
2.0
µs
tRECSYM = max (tRECPDF - tRECPDR)
RRXD 2.4
 to VCC, CRXD 20 pF
Symmetry of Propagation
Delay of Transmitter Rising
Edge w.r.t. Falling Edge
tTRANSSYM
-2.0
2.0
µs
tTRANSSYM = max (tTRANSPDF - tTRANSPDR)
Duty Cycle 1 @20.0 kbit/sec
0.396
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.744 × VBB,
THDOM(MAX) = 0.581 × VBB,
VBB =7.0V - 18V; tBIT = 50 µs
D1 = tBUS_REC(MIN)/2 × tBIT)
Duty Cycle 2 @20.0 kbit/sec
0.581
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.284 × VBB,
THDOM(MAX) = 0.422 × VBB,
VBB =7.6V - 18V; tBIT = 50 µs
D2 = tBUS_REC(MAX)/2 × tBIT)
Duty Cycle 3 @10.4 kbit/sec
0.417
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(MAX) = 0.778 × VBB,
THDOM(MAX) = 0.616 × VBB,
VBB =7.0V – 18V; tBIT = 96 µs
D3 = tBUS_REC(MIN)/2 × tBIT)
Duty Cycle 4 @10.4 kbit/sec
0.590
CBUS; RBUS conditions:
1nF; 1 k
 | 6.8 nF; 660 | 10 nF; 500
THREC(max) = 0.251 × VBB,
THDOM(MAX) = 0.389 × VBB,
VBB =7.6V – 18V; tBIT = 96 µs
D4 = tBUS_REC(MAX)/2 × tBIT)
Wake-up Timing
Bus Activity Debounce time
tBDB
30
70
125
µs
Bus Activity to VREN on
tBACTVE
10
60
110
µs
WAKE to VREN on
tWAKE
——
150
µs
Chip Select to VREN on
tCSOR
——
150
µs
VREN floating
Chip Select to VREN off
tCSPD
200
µs
VREN floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com