| Electronic Components Datasheet Search |
|
MCP2003B-E/MF Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2003B-E/MF Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 32 page ![]() MCP2003B DS20005463C-page 8 2015-2016 Microchip Technology Inc. 1.5.4.1 TXD Dominant Timeout If TXD is driven low for longer than approximately 25 ms, the LBUS pin is switched to Recessive mode and the part enters TOFF Mode. This is to prevent the LIN node from permanently driving the LIN Bus dominant. The transmitter is reenabled on TXD rising edge. 1.5.5 GROUND (VSS) This is the Ground pin. 1.5.6 LIN BUS (LBUS) The bidirectional LIN Bus pin (LBUS) is controlled by the TXD input. LBUS has a current limited open collector output. To reduce EMI, the edges during the signal changes are slope controlled and include corner rounding control for both falling and rising edges. The internal LIN receiver observes the activities on the LIN bus, and matches the output signal RXD to follow the state of the LBUS pin. 1.5.6.1 Bus Dominant Timer The Bus Dominant Timer is an internal timer that deactivates the LBUS transmitter after approximately 25 ms of dominant state on the LBUS pin. The timer is reset on any recessive LBUS state. The LIN bus transmitter will be reenabled after a recessive state on the LBUS pin as long as CS is high. Disabling can be caused by the LIN bus being externally held dominant, or by TXD being driven low. 1.5.7 BATTERY (VBB) This is the Battery Positive Supply Voltage pin. 1.5.8 VOLTAGE REGULATOR ENABLE OUTPUT (VREN) This is the External Voltage Regulator Enable pin. Open-drain output is pulled high to VBB in all modes except Power-Down. 1.5.9 EXPOSED THERMAL PAD (EP) Do not electrically connect, or connect to VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |