Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2022T-330E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2022T-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022T-330E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2022T-330E/P Datasheet HTML 9Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 10Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 11Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 12Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 13Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 14Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 15Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 16Page - Microchip Technology MCP2022T-330E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
 2005-2014 Microchip Technology Inc.
DS20002018H-page 13
MCP2021/2/1P/2P
1.4.8
BATTERY POSITIVE SUPPLY
VOLTAGE (VBB)
Battery Positive Supply Voltage pin. This pin is also the
input for the internal voltage regulator.
1.4.9
FAULT/TXE
Fault Detect Output and Transmitter Enable Input
bidirectional pin.
This pin is an open-drain output. Its state is defined as
shown in Table 1-3. The transmitter driver is disabled
whenever this pin is low (‘0’), either from an internal
Fault condition or by external drive. This allows the
transmitter to be placed in an OFF state and still allow
the voltage regulator to operate. Refer to Table 1-1.
The FAULT/TXE also signals a mismatch between the
TXD input and the LBUS level. This can be used to
detect a bus contention. Since the bus exhibits a
propagation delay, the sampling of the internal
compare is debounced to eliminate false faults.
This pin has an internal pull-up resistor of
approximately 750 kΩ. The internal pull-up resistor
may be too weak for some applications. We recom-
mend adding a 10 kOhm external pull-up resistor to
ensure a logic high level.
The FAULT/TXE pin sampled at a rate faster than every
10 µs.
1.4.10
RESET
RESET is an open-drain output pin. This pin reflects an
internal signal that tracks the internal system voltage
has reached a valid, stable level.
As long as the internal voltage is valid, this pin will keep
high-impedance. When the system voltage drops
below the minimum required, the voltage regulator will
shut down and immediately convert the RESET output
to short to GND. A pull-up resistor is needed to change
the output to high/low voltage. When connected to a
microcontroller input, this can provide a warning that
the voltage regulator is shutting down (see Figure 1-2).
Alternately, it can act as an external brown-out by
connecting the RESET output to MCLR (see
Figure 1-2). In addition to monitoring the internal
voltage, RESET is asserted immediately upon entering
the Power-Down mode.
1.4.11
EXPOSED THERMAL PAD (EP)
It is recommended to connect this pad to VSS to
enhance electromagnetic immunity and thermal
resistance.
Note 1:
The FAULT/TXE pin is true (0) whenever
the internal circuits have detected a short
or thermal excursion and have disabled
the LBUS output driver.
2:
FAULT/TXE is true (0) when VREG not OK
and has disabled the LBUS output driver.
TABLE 1-3:
FAULT/TXE TRUTH TABLE
TXD
In
RXD
Out
LINBUS
I/O
Thermal
Override
FAULT/TXE
Definition
External
Input
Driven
Output
LH
VBB
OFF
H
L
FAULT
, TXD driven low, LBUS shorted to VBB
(Note 1)
HH
VBB
OFF
H
H
OK
LL
GND
OFF
H
H
OK
HL
GND
OFF
H
H
OK
, data is being received from the LBUS
xx
VBB
ON
H
L
FAULT
, transceiver in thermal shutdown
xx
VBB
xL
x
NO FAULT
, the CPU is commanding the
transceiver to turn off the transmitter driver
Legend:
x = don’t care
Note 1:
The FAULT/TXE is valid after approximately 25 µs after TXD falling edge. This is to eliminate false fault
reporting during bus propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com