Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1632-BAE/MC Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1632-BAE/MC Datasheet HTML 16Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 17Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 18Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 19Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 20Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 21Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 22Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 23Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP1632
DS20005254A-page 20
 2013 Microchip Technology Inc.
5.2
Operation in Voltage Mode Control
The MCP1632 PWM controller can operate in Voltage
Mode Control using the internal slope compensation
ramp to generate the PWM signal. The current sense
resistor is not necessary for this application, thus the
overall efficiency of the converter can be improved.
Refer to Typical Application Circuit – Voltage Mode
Control. Certain limitations occur in this operating
mode. The compensation network for Voltage Mode
Control must be of Type III, increasing the number of
components.The closed-loop system is now a second
order system and stability can be difficult to achieve
over a wide range of operating conditions. The position
of the dominant pole (double pole) in boost-derived
converters varies with the operating conditions
(input/output voltages); maintaining acceptable phase
and gain margins across the entire operating range of
the converter becomes a difficult task in this case.
Note that there is no inherent protection mechanism
that can limit the inductor’s current during transients or
overloads. A resistor placed between the CS pin and
GND allows adjusting the maximum duty cycle by
controlling the amplitude of the ramp signal. Refer to
Figure 5-4 for details. If the RDC Adj resistor is not
placed, the maximum duty cycle is set to approximately
60% (typical). The duty cycle can be increased up to
85% (typical) by adjusting the value of the RDC Adj
resistor. The designer must limit the maximum
operating duty cycle of the converter to a safe value by
adjusting the value of this resistor. The DC offset of the
ramp enables operation with 0% duty cycle if the output
of the error amplifier divided by 3 is lower than DCLOW.
The Voltage Mode Control should be used only for
systems with low input voltages, low DC conversion
ratios and limited dynamics of the load (e.g., LED
drivers or battery chargers).
FIGURE 5-4:
Voltage Mode Operation Details.
Oscillator
CS
300/600 kHz
VEXT
RAMP
+1
6k
:
L
PWM
Q
RDC Adj
0.9 VPP
RG
+
-
EA
+
-
2R
R
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com