Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC100 Datasheet(PDF) 13 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments MPC100 Datasheet HTML 12Page - Texas Instruments MPC100 Datasheet HTML 13Page - Texas Instruments MPC100 Datasheet HTML 14Page - Texas Instruments MPC100 Datasheet HTML 15Page - Texas Instruments MPC100 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
®
MPC100
FIGURE 7. Digital Gain Control.
FIGURE 8. High Speed Data Acquisition System.
OPA623
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
75
Ω
150
Ω
11
+5V
+5V
–5V
12
10
8
14
+1
4
7
8
4
75
Ω
BUF600
75
Ω
75
Ω
75
Ω
150
Ω
150
Ω
75
Ω
9
13
12
15
13
14
5
1
3
2
A
0
A
1
CS1
A
2
GND
0.1µ
2.2µ
470p
2.2µ
470p
LE
CS2
390
Ω
390
Ω
–
+
180
Ω
4
00
3
00
1
0
0
0
1
0
A
0
02
GAIN
A
1
11
0
1
X
0.5
0.25
0
0
CS
0
0
0
1
2
0
SEL
1
1
0
0
0
5
8
4
R-2R
Ladder
Network
Y
1
Y
2
Y
3
Y
0
1
0
0
0
0
0
0
1
1
X
In
+5V
–5V
5
1
+5V
–5V
6
2
3
Out
74HC
237
DB1
DB2
DB3
DB4
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
11
+5V
–5V
12
10
8
14
50
Ω
50
Ω
9
13
2.2µ
470p
2.2µ
470p
220
Ω
+5V
12
15
13
14
5
1
3
2
A
0
A
1
CS1
A
2
GND
5
8
4
0.1µ
LE
CS2
16
VCC
Y
2
Y
0
Y
1
Y
3
12 Bit
10MHz
A/D Converter
Signal
Input
6
ADS804
7
2
50
Ω
50
Ω
OPA620
220
Ω
–
+
+5V
–5V
In1
DB1
DB2
DB3
DB4
In2
In3
In4
4
3
150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com