Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC508AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MPC508AP
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC508AP Datasheet(HTML) 2 Page - Texas Instruments

  MPC508AP Datasheet HTML 1Page - Texas Instruments MPC508AP Datasheet HTML 2Page - Texas Instruments MPC508AP Datasheet HTML 3Page - Texas Instruments MPC508AP Datasheet HTML 4Page - Texas Instruments MPC508AP Datasheet HTML 5Page - Texas Instruments MPC508AP Datasheet HTML 6Page - Texas Instruments MPC508AP Datasheet HTML 7Page - Texas Instruments MPC508AP Datasheet HTML 8Page - Texas Instruments MPC508AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MPC508A, MPC509A
2
SBFS019A
www.ti.com
ELECTRICAL CHARACTERISTICS
Supplies = +15V, –15V; VAH (Logic Level High) = +4.0V, VAL (Logic Level Low) = +0.8V, unless otherwise specified.
MPC508A/509A
PARAMETER
TEMP
MIN
TYP
MAX
UNITS
ANALOG CHANNEL CHARACTERISTICS
VS, Analog Signal Range
Full
–15
+15
V
RON, On Resistance(1)
+25
°C
1.3
1.5
k
Full
1.5
1.8
k
IS (OFF), Off Input Leakage Current
+25
°C
0.5
nA
Full
10
nA
ID (OFF), Off Output Leakage Current
+25
°C
0.2
nA
MPC508A
Full
5
nA
MPC509A
Full
5
nA
ID (OFF) with Input Overvoltage Applied(2)
+25
°C
2.0
µA
ID (ON), On Channel Leakage Current
+25
°C2
nA
MPC508A
Full
10
nA
MPC509A
Full
10
nA
IDIFF Differential Off Output Leakage Current
(MPC509A Only)
Full
10
nA
DIGITAL INPUT CHARACTERISTICS
VAL, Input Low Threshold Drive
Full
0.8
V
VAH, Input High Threshold(3)
Full
4.0
V
IA, Input Leakage Current (High or Low)(4)
Full
1.0
µA
SWITCHING CHARACTERISTICS
tA, Access Time
+25
°C
0.5
µs
Full
0.6
µs
tOPEN, Break-Before-Make Delay
+25
°C25
80
ns
tON (EN), Enable Delay (ON)
+25
°C
200
ns
Full
500
ns
tOFF (EN), Enable Delay (OFF)
+25
°C
250
ns
Full
500
ns
Settling Time (0.1%)
+25
°C
1.2
µs
(0.01%)
+25
°C
3.5
µs
"OFF Isolation"(5)
+25
°C50
68
dB
CS (OFF), Channel Input Capacitance
+25
°C5
pF
CD (OFF), Channel Output Capacitance: MPC508A
+25
°C25
pF
MPC509A
+25
°C12
pF
CA, Digital Input Capacitance
25
°C5
pF
CDS (OFF), Input to Output Capacitance
+25
°C
0.1
pF
POWER REQUIREMENTS
PD, Power Dissipation
Full
7.5
mW
I+, Current Pin 1(6)
Full
0.7
1.5
mA
I–, Current Pin 27(6)
Full
5
20
µA
NOTES: (1) VOUT = ±10V, IOUT = –100µA. (2) Analog overvoltage = ±33V. (3) To drive from DTL/TTL circuits. 1kΩ pull-up resistors to +5.0V supply are recommended.
(4) Digital input leakage is primarily due to the clamp diodes. Typical leakage is less than 1nA at 25
°C. (5) V
EN = 0.8V, RL = 1kΩ, CL = 15pF, VS = 7Vrms, f = 100kHz.
Worst-case isolation occurs on channel 4 due to proximity of the output pins. (6) VEN, VA = 0V or 4.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com