Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5212D Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5212D
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212D Datasheet(HTML) 5 Page - ON Semiconductor

  CS5212D Datasheet HTML 1Page - ON Semiconductor CS5212D Datasheet HTML 2Page - ON Semiconductor CS5212D Datasheet HTML 3Page - ON Semiconductor CS5212D Datasheet HTML 4Page - ON Semiconductor CS5212D Datasheet HTML 5Page - ON Semiconductor CS5212D Datasheet HTML 6Page - ON Semiconductor CS5212D Datasheet HTML 7Page - ON Semiconductor CS5212D Datasheet HTML 8Page - ON Semiconductor CS5212D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS5212
http://onsemi.com
5
PACKAGE PIN DESCRIPTION
PIN NO.
PIN SYMBOL
FUNCTION
1
GATE(H)
High Side Switch FET driver pin. Capable of delivering peak currents of 1.0 A.
2
BST
Power supply input for the high side driver.
3
LGND
Reference ground. All control circuits are referenced to this pin. IC substrate connection.
4
VFFB
Input for the PWM comparator.
5
VFB
Error amplifier input.
6
COMP
Error Amp output. PWM Comparator reference input. A capacitor to LGND provides error amp
compensation.
7
SGND
Internal reference is connected to this ground. Connect directly at the load for ground remote
sensing.
8
ROSC
A resistor from this pin to SGND sets switching frequency.
9
VCC
Input Power Supply Pin. It supplies power to control circuitry. A 0.1
µF Decoupling cap is
recommended.
10
IS–
Negative input for overcurrent comparator.
11
IS+
Positive input for overcurrent comparator.
12
VC
Power supply input for the low side driver.
13
GATE(L)
Low Side Synchronous FET driver pin. Capable of delivering peak currents of 1.0 A.
14
PGND
High Current ground for the GATE(H) and GATE(L) pins.
UVLO
Comparator
5.0
µA
GATE(L)
GATE(H)
+
+
+
Σ
PGND
ROSC
VC
BST
R
S
Q
Q
S
R
Q
Q
Fault
Fault
PWM FF
COMP Discharge COMP
0.25 V
PWM Comparator
ART Ramp
OSC
ROSC
0.5 V
Error Amp
1.0 V
100 % DC
Comparator
VSTART
OC
Comparator
60 mV
0.8 V
UVLO
LGND
VCC
IS–
IS+
SGND
VFB
COMP
VFFB
Figure 2. Block Diagram
Reset Dominant
Set Dominant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com