Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14A0153 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP14A0153
Description  1.5A Dual MOSFET Driver with Low Threshold Input And Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14A0153 Datasheet(HTML) 4 Page - Microchip Technology

  MCP14A0153_15 Datasheet HTML 1Page - Microchip Technology MCP14A0153_15 Datasheet HTML 2Page - Microchip Technology MCP14A0153_15 Datasheet HTML 3Page - Microchip Technology MCP14A0153_15 Datasheet HTML 4Page - Microchip Technology MCP14A0153_15 Datasheet HTML 5Page - Microchip Technology MCP14A0153_15 Datasheet HTML 6Page - Microchip Technology MCP14A0153_15 Datasheet HTML 7Page - Microchip Technology MCP14A0153_15 Datasheet HTML 8Page - Microchip Technology MCP14A0153_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MCP14A0153/4/5
DS20005470A-page 4
 2015 Microchip Technology Inc.
Fall Time
tF
—10
17
ns
VDD =18V, CL = 1000 pF,
see Figure 4-1, Figure 4-2
(Note 1)
Delay Time
tD1
—25
32
ns
VDD =18V, VIN =5V,
see Figure 4-1, Figure 4-2
(Note 1)
tD2
—24
31
ns
VDD =18V, VIN =5V,
see Figure 4-1, Figure 4-2
(Note 1)
Power Supply
Supply Voltage
VDD
4.5
18
V
Power Supply Current
IDD
675
1120
µA
VINA/B =3V, VENA/B =3V
IDD
715
1160
µA
VINA/B =0V, VENA/B =3V
IDD
715
1160
µA
VINA/B =3V, VENA/B =0V
IDD
750
1200
µA
VINA/B =0V, VENA/B =0V
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE) (Note 1)
Electrical Specifications:
Unless otherwise indicated, over the operating range with 4.5V
 VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Input Voltage Range
VIN
GND - 0.3V
VDD +0.3
V
Logic ‘1’ High Input Voltage
VIH
2.0
1.6
V
Logic ‘0’ Low Input Voltage
VIL
—1.2
1.8
V
Input Voltage Hysteresis
VHYST(IN)
—0.4
V
Input Current
IIN
-10
+10
µA
0V
 VIN  VDD
Enable
Enable Voltage Range
VEN
GND - 0.3V
VDD +0.3
V
Logic ‘1’ High Enable Voltage
VEH
2.0
1.6
V
Logic ‘0’ Low Enable Voltage
VEL
—1.2
1.8
V
Enable Voltage Hysteresis
VHYST(EN)
—0.4
V
Enable Input Current
IEN
—12
µA
VDD =18V, EN = GND
Propagation Delay
tD3
—28
35
ns
VDD =18V, VEN =5V, TA =+125°C,
see Figure 4-3
Propagation Delay
tD4
—27
34
ns
VDD =18V, VEN =5V, TA =+125°C,
see Figure 4-3
Output
High Output Voltage
VOH
VDD - 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance, High
ROH
——
9
IOUT =10 mA, VDD =18V
Output Resistance, Low
ROL
——
6.5
IOUT =10 mA, VDD =18V
Note 1:
Tested during characterization, not production tested.
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TA = +25°C, with 4.5V  VDD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Tested during characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com