Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500T-I/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS500T-I/ST
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500T-I/ST Datasheet(HTML) 4 Page - Microchip Technology

  HCS500T-I/ST Datasheet HTML 1Page - Microchip Technology HCS500T-I/ST Datasheet HTML 2Page - Microchip Technology HCS500T-I/ST Datasheet HTML 3Page - Microchip Technology HCS500T-I/ST Datasheet HTML 4Page - Microchip Technology HCS500T-I/ST Datasheet HTML 5Page - Microchip Technology HCS500T-I/ST Datasheet HTML 6Page - Microchip Technology HCS500T-I/ST Datasheet HTML 7Page - Microchip Technology HCS500T-I/ST Datasheet HTML 8Page - Microchip Technology HCS500T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
HCS500
DS40000153E-page 4
 2001-2015 Microchip Technology Inc.
FIGURE 1-3:
BASIC OPERATION OF RECEIVER (DECODER)
Note: Circled numbers indicate the order of execution.
2.0
PIN ASSIGNMENT
The description of the pins of the HCS500 decoder is
provided in Table 2-1.
Button Press
Information
EEPROM Array
Manufacturer Code
32 Bits of
Encrypted Data
Serial Number
Received Information
Decrypted
Synchronization
Counter
Check for
Match
Sync Counter
Serial Number
KEELOQ
Decryption
Algorithm
1
3
4
Check for
Match
2
Perform Function
Indicated by
button press
5
Crypt Key
TABLE 2-1:
DECODER PIN ASSIGNMENT
PIN
Decoder
Function
I/O(1)
Buffer Type(1)
Description
1VDD
P
Power Connection
2
EE_CLK
O
TTL
Clock to I 2CEEPROM
3
EE_DAT
I/O
TTL
Data to I 2C™ EEPROM
4MCLR
I
ST
Master clear input
5
S_DAT
I/O
TTL
Synchronous data from controller
6
S_CLK
I
TTL
Synchronous clock from controller
7
RFIN
I
TTL
RF input from receiver
8
GND
P
Ground connection
Note: P = power, I = in, O = out, and ST = Schmitt Trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com