Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F67751AIPEU Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F67751AIPEU Datasheet HTML 45Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 46Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 47Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 48Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 49Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 50Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 51Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 52Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
www.ti.com
SLAS983 – MAY 2014
5.8.6
RTC Tamper Detect Pin
Table 5-33. Schmitt-Trigger Inputs, RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
TYP
MAX
UNIT
1.8 V
0.80
1.40
VIT+
Positive-going input threshold voltage
V
3 V
1.50
2.10
1.8 V
0.45
1.00
VIT–
Negative-going input threshold voltage
V
3 V
0.75
1.65
1.8 V
0.3
0.85
Vhys
Input voltage hysteresis (VIT+ – VIT–)
V
3 V
0.4
1.0
For pullup: VIN = VSS
RPull
Pullup or pulldown resistor
For pulldown: VIN =
20
35
50
k
Ω
AUXVCC3
CI
Input capacitance
VIN = VSS or AUXVCC3
5
pF
Table 5-34. Inputs, RTC Tamper Detect Pin(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
Port P1, P2: P1.x to P2.x, External trigger pulse duration
t(int)
External interrupt timing(2)
2.2 V, 3 V
20
ns
to set interrupt flag
(1)
Some devices may contain additional ports with interrupts. See the block diagram and terminal function descriptions.
(2)
An external signal sets the interrupt flag every time the minimum interrupt pulse duration t(int) is met. It may be set by trigger signals
shorter than t(int).
Table 5-35. Leakage Current, RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
Ilkg(Px.y)
High-impedance leakage current
See (1) (2)
1.8 V, 3 V
-50
+50
nA
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
Table 5-36. Outputs, RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
MAX
UNIT
I(OHmax) = –100 µA
(1)
1.50
1.80
1.8 V
I(OHmax) = –200 µA
(1)
1.20
1.80
VOH
High-level output voltage
V
I(OHmax) = –100 µA
(1)
2.70
3.00
3 V
I(OHmax) = –200 µA
(1)
2.40
3.00
I(OLmax) = 100 µA
(2)
0.00
0.25
1.8 V
I(OLmax) = 200 µA
(2)
0.00
0.60
VOL
Low-level output voltage
V
I(OLmax) = 100 µA
(2)
0.00
0.25
3 V
I(OLmax) = 200 µA
(2)
0.00
0.60
(1)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Section 5.3 for more details.
(2)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Section 5.3 for more details.
Copyright © 2014, Texas Instruments Incorporated
Specifications
49
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com