Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASR8600 Datasheet(PDF) 9 Page - AMIC Technology

Part # ASR8600
Description  Ambient Light, Solar-UV, IR and Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

ASR8600 Datasheet(HTML) 9 Page - AMIC Technology

Back Button ASR8600 Datasheet HTML 5Page - AMIC Technology ASR8600 Datasheet HTML 6Page - AMIC Technology ASR8600 Datasheet HTML 7Page - AMIC Technology ASR8600 Datasheet HTML 8Page - AMIC Technology ASR8600 Datasheet HTML 9Page - AMIC Technology ASR8600 Datasheet HTML 10Page - AMIC Technology ASR8600 Datasheet HTML 11Page - AMIC Technology ASR8600 Datasheet HTML 12Page - AMIC Technology ASR8600 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ASR8600
PRELIMINARY
(March, 2015, Version 0.0)
8
AMIC Technology Corp.
Status Bits and Operation Command Registers
Register 0x00 (Data Ready & Interrupt Status Bits)
Register 0x01 (Operation Control)
ADDR
R/W
Function
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Default
0x00
R
Data Ready &
Interrupt Status Bits
ALS/
IR_RDY
PS_RDY
Solar_UV/
UV_RDY
---
ALS/
IR_INTS
PS_Hi_
INTS
PS_Lo_
INTS
(PS_Auto
Trim_INTS)
0x00
Bit
Name
Function Description
Data_Ready Status Bit ([7]=ALS/IR_RDY, [6]=PS_RDY, [5]=Solar_UV/UV_RDY)
0
Data is NOT available to be used since power-on or last "clear".
7:5
Data Ready
Status
1
The data is available after enable. Once this bit is set, the only 2 ways to clear it to 0 are to read this
register or set such sensing disable.
Interrupt Status Bits ([3]=ALS/IR_INTS, [2]=PS_Hi_INTS, [1]=PS_Lo_INTS)
0
No interrupt event has occurred since power-on or last "clear".
3:1
Interrupt Status
1
The data has exceeded the designated window limits defined by Threshold registers, and persist timer
is equal to the set Persist count. Once this bit is set, the only 2 ways to clear it to 0 are to read this
register or set such sensing disable.
PS_Auto_Trim Interrupt Status Bit
0
No PS_Auto_Trim interrupt event has occurred since power-on or last “clear”.
0
PS_Auto_ Trim
Interrupt Status
1
The PS_Auto_Trim process has finished. Once this bit is set, the only 2 ways to clear it to 0 are to
read this register or set PS_Auto_Trim_EN bit to 0.
ADDR
R/W
Function
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Default
0x01
R/W
Operation Control
WT [2:0]
ALS/IR_EN[1:0]
PS/Solar_UV/UV_
EN[1:0]
(PS_Auto_
Trim_EN)
0x00
Bit
Name
Function Description
Wait Time Setting for power consumption control
000
40ms x1 = 40ms
100
40ms x32 = 1280ms = 1.28s
001
40ms x4 = 160ms
101
40ms x64 = 2560ms = 2.56s
010
40ms x8 = 320ms
110
40ms x128 = 5120ms = 5.12s
7:5
Wait Time
011
40ms x16 = 640ms
111
Reserved to NO wait time
ALS/IR Sensing enable
00
ALS/IR sensing disable
10
IR sensing enable
4:3
ALS/IR_Enable
01
ALS sensing enable
11
Reserved
PS/Solar_UV/UV Sensing enable
00
PS/Solar_UV/UV sensing disable
10
Solar UV sensing enable
2:1
PS/Solar_UV/
UV_Enable
01
PS sensing enable
11
UV sensing enable
PS Auto Trimming enable
0
PS_Auto_
Trim_Enable
0
PS auto trimming disable
1
PS auto trimming enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com