Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010337 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010337
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010337 Datasheet(HTML) 1 Page - E-SWITCH

  P010337 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3315NF160Q
10:1
1/29/2008
P010337
B
RC
1
1
4
2
1
3
P.C. MOUNTING
1
3
4
2
3
4
4
2
4
2
1
CIRCUIT: SPST
3
ISOMETRIC
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. RATING: 15VDC @ 50mA
5. ELECTRICAL LIFE: 500,000 CYCLES
6.CONTACT RESISTANCE: 200m OHMS MAX.
7. OPERATION FORCE: 160 +/-50gf
8. TRAVEL: 0.2 +/-0.1mm
9.
DENOTES CRITICAL PARAMETER.
10. 2002/95/EC (ROHS) COMPLIANT
11. PACKAGING: TAPE & REEL, 5000 PIECES PER REEL.
A
xxxxx
New Product Release
1/29/08
rc
3.70
[.146 in]
4.50
[.177 in]
4.50
[.177 in]
3.50
[.138 in]
.50
[.020 in]
BLACK
HOUSING
.05
[.002 in]
FLUSH TO
4.75
[.187 in]
4.00
[.157 in]
5.15
[.203 in]
4.60
[.181 in]
3.75
[.148 in]
4.75
[.187 in]
4.20
[.165 in]
2.40
[.094 in]
2.80
[.110 in]
.55
[.022 in]
B
B
19521
RATING: was 20mA
12/13/10
BGL


Similar Part No. - P010337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010330 E-SWITCH-P010330 Datasheet
42Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010331 E-SWITCH-P010331 Datasheet
68Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010336 E-SWITCH-P010336 Datasheet
114Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010338 E-SWITCH-P010338 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com