Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP121-195E/TT Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP121-195E/TT
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121-195E/TT Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP121-195E/TT Datasheet HTML 2Page - Microchip Technology MCP121-195E/TT Datasheet HTML 3Page - Microchip Technology MCP121-195E/TT Datasheet HTML 4Page - Microchip Technology MCP121-195E/TT Datasheet HTML 5Page - Microchip Technology MCP121-195E/TT Datasheet HTML 6Page - Microchip Technology MCP121-195E/TT Datasheet HTML 7Page - Microchip Technology MCP121-195E/TT Datasheet HTML 8Page - Microchip Technology MCP121-195E/TT Datasheet HTML 9Page - Microchip Technology MCP121-195E/TT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP102/103/121/131
DS20001906D-page 6
 2004-2014 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature
(Reset Power-up Timer Inactive) (MCP102-195).
FIGURE 2-2:
IDD vs. Temperature
(Reset Power-up Timer Inactive) (MCP131-315).
FIGURE 2-3:
IDD vs. Temperature
(Reset Power-up Timer Inactive) (MCP121-450).
FIGURE 2-4:
IDD vs. Temperature
(Reset Power-up Timer Active) (MCP102-195).
FIGURE 2-5:
IDD vs. Temperature
(Reset Power-up Timer Active) (MCP131-315).
FIGURE 2-6:
IDD vs. Temperature
(Reset Power-up Timer Active) (MCP121-450).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Temperature (°C)
1.7V
1.0V
2.1V
2.8V
4.0V
5.0V
5.5V
MCP102-195
0
5
10
15
20
25
30
35
Temperature (°C)
1.0V
2.9V
MCP131-315
3.3V
5.5V
5.0V
4.0V
4.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Temperature (°C)
3.0V
1.0V
4.6V
4.1V
5.0V
5.5V
MCP121-450
4.8V
0
2
4
6
8
10
12
14
16
Temperature (°C)
2.1V
2.8V
4.0V
5.0V
5.5V
MCP102-195
0
10
20
30
40
50
60
70
80
Temperature (°C)
3.3V
4.0V
4.5V
5.0V
MCP131-315
5.5V
0
2
4
6
8
10
12
14
16
Temperature (°C)
4.6V
5.0V
5.5V
MCP121-450
4.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com