Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z2V0 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MM3Z2V0
Description  Small plastic package suitable for surface mounted
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MM3Z2V0 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MM3Z2V0 Datasheet HTML 1Page - Bruckewell Technology LTD MM3Z2V0 Datasheet HTML 2Page - Bruckewell Technology LTD MM3Z2V0 Datasheet HTML 3Page - Bruckewell Technology LTD MM3Z2V0 Datasheet HTML 4Page - Bruckewell Technology LTD MM3Z2V0 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MM3Z2V0_MM3Z75
VZ : 2.0 to 75 V
PD : 300 mW
Publication Order Number: [MM3Z2V0_MM3Z75]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS
Type No.
Marking
Zener Voltage (1)
Test
Current
Zener
Impedance(2)
Test Current
Leakage
Current
VZ @ IZT (V)
IZT
ZZ @ IZ
IZ
IR @ VR
Min
Nom
Max
(mA)
(
Ω)
(mA)
(μA)
(V)
MM3Z36
2Y
34
36
38
5.0
90
2.0
0.1
27
MM3Z39
2Z
37
39
41
2.5
100
2.0
2.0
30
MM3Z43
3A
40
43
46
2.5
130
2.0
2.0
33
MM3Z47
3B
44
47
50
2.5
150
2.0
2.0
36
MM3Z51
3C
48
51
54
2.5
180
2.0
1.0
39
MM3Z56
3D
52
56
60
2.5
180
2.0
1.0
43
MM3Z62
3E
58
62
66
2.5
200
2.0
0.2
47
MM3Z68
3F
64
68
72
2.5
250
2.0
0.2
52
MM3Z75
3H
70
75
79
2.5
300
2.0
0.2
57
Notes :
(1) Vz is tested with pulses (20 ms).
(2) Zz is measured at Iz by given a very small A.C. current signal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com