Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS2124 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2124
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2124 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS570LS2124 Datasheet HTML 23Page - Texas Instruments TMS570LS2124 Datasheet HTML 24Page - Texas Instruments TMS570LS2124 Datasheet HTML 25Page - Texas Instruments TMS570LS2124 Datasheet HTML 26Page - Texas Instruments TMS570LS2124 Datasheet HTML 27Page - Texas Instruments TMS570LS2124 Datasheet HTML 28Page - Texas Instruments TMS570LS2124 Datasheet HTML 29Page - Texas Instruments TMS570LS2124 Datasheet HTML 30Page - Texas Instruments TMS570LS2124 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
4.2.2.9
Multibuffered Serial Peripheral Interface Modules (MibSPI)
Table 4-25. ZWT Multibuffered Serial Peripheral Interface Modules (MibSPI)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
MIBSPI1CLK
F18
MibSPI1 clock, or GPIO
MIBSPI1NCS[0]/MIBSPI1SOMI[1]
R2
Programmable,
MIBSPI1NCS[1]/N2HET1[17]
F3
Pullup
20 µA
MibSPI1 chip select, or GPIO
MIBSPI1NCS[2]/N2HET1[19]
G3
MIBSPI1NCS[3]/N2HET1[21]
J3
N2HET1[15]/MIBSPI1NCS[4]
N1
Programmable,
Pulldown
MibSPI1 chip select, or GPIO
20 µA
N2HET1[24]/MIBSPI1NCS[5]
P1
I/O
MIBSPI1NENA/N2HET1[23]
G19
MibSPI1 enable, or GPIO
Programmable,
Pullup
MibSPI1 slave-in master-out,
20 µA
MIBSPI1SIMO[0]
F19
or GPIO
Programmable,
MibSPI1 slave-in master-out,
N2HET1[8]/MIBSPI1SIMO[1]
E18
Pulldown
20 µA
or GPIO
MIBSPI1SOMI[0]
G18
Programmable,
MibSPI1 slave-out master-in,
Pullup
20 µA
or GPIO
MIBSPI1NCS[0]/MIBSPI1SOMI[1]
R2
MIBSPI3CLK
V9
MibSPI3 clock, or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
V10
Programmable,
MIBSPI3NCS[1]/N2HET1[25]/MDCLK
V5
Pullup
20 µA
MibSPI3 chip select, or GPIO
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
B2
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
C3
Programmable,
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]
E3
Pulldown
MibSPI3 chip select, or GPIO
I/O
20 µA
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]
W9
MibSPI3 chip select, or GPIO
MIBSPI3NENA/MIBSPI3NCS[5]/N2HET1[31]
W9
MibSPI3 enable, or GPIO
Programmable,
MibSPI3 slave-in master-out,
Pullup
MIBSPI3SIMO[0]
W8
20 µA
or GPIO
MibSPI3 slave-out master-in,
MIBSPI3SOMI[0]
V8
or GPIO
MIBSPI5CLK/DMM_DATA[4]
H19
MibSPI5 clock, or GPIO
MIBSPI5NCS[0]/DMM_DATA[5]
E19
MIBSPI5NCS[1]/DMM_DATA[6]
B6
MibSPI5 chip select, or GPIO
MIBSPI5NCS[2]/DMM_DATA[2]
W6
MIBSPI5NCS[3]/DMM_DATA[3]
T12
MIBSPI5NENA/DMM_DATA[7]
H18
MibSPI5 enable, or GPIO
MIBSPI5SIMO[0]/DMM_DATA[8]
J19
Programmable,
I/O
Pullup
20 µA
MIBSPI5SIMO[1]/DMM_DATA[9]
E16
MIBSPI5SIMO[2]/DMM_DATA[10]
H17
MIBSPI5SIMO[3]/DMM_DATA[11]
G17
MibSPI5 slave-in master-out,
or GPIO
MIBSPI5SOMI[0]/DMM_DATA[12]
J18
MIBSPI5SOMI[1]/DMM_DATA[13]
E17
MIBSPI5SOMI[2]/DMM_DATA[14]
H16
MIBSPI5SOMI[3]/DMM_DATA[15]
G16
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com