Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM63 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM63 Datasheet HTML 1Page - National Semiconductor (TI) LM63 Datasheet HTML 2Page - National Semiconductor (TI) LM63 Datasheet HTML 3Page - National Semiconductor (TI) LM63 Datasheet HTML 4Page - National Semiconductor (TI) LM63 Datasheet HTML 5Page - National Semiconductor (TI) LM63 Datasheet HTML 6Page - National Semiconductor (TI) LM63 Datasheet HTML 7Page - National Semiconductor (TI) LM63 Datasheet HTML 8Page - National Semiconductor (TI) LM63 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Pin Descriptions
Pin
Name
Input/Output
Function and Connection
1V
DD
Power Supply Input
Connect to a low-noise +3.3 ± 0.3 VDC power supply, and bypass to GND
with a 0.1 µF ceramic capacitor in parallel with a 100 pF ceramic capacitor.
A bulk capacitance of 10 µF needs to be in the vicinity of the LM63’s V
DD
pin.
2
D+
Analog Input
Connect to the anode (positive side) of the remote diode. A 2.2 nF ceramic
capacitor must be connected between pins 2 and 3.
3
D−
Analog Input
Connect to the cathode (negative side) of the remote diode. A 2.2 nF
ceramic capacitor must be connected between pins 2 and 3.
4
PWM
Open-Drain
Digital Output
Open-Drain Digital Output. Connect to fan drive circuitry. The power-on
default for this pin is low (pin 4 pulled to ground).
5
GND
Ground
This is the analog and digital ground return.
6
ALERT/TACH
Digital I/O
Depending on how the LM63 is programmed, this pin is either an
open-drain ALERT output or a tachometer input for measuring fan speed.
The power-on default for this pin is the ALERT function.
7
SMBDAT
Digital Input/
Open-Drain Output
This is the bi-directional SMBus data line.
8
SMBCLK
Digital Input
Digital Input. This is the SMBus clock input.
Simplified Block Diagram
20057002
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com