Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1Z Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ES1Z
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1Z Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES1Z Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1Z Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 0.7 A
VOLTAGE RANGE: 200- 1500V
ES1Z - ES1F
Unit
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
Maximum recurrent peak reverse voltage
VRRM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 0.5/0.7A
VF
V
Maximum reverse current
@T
A=25
5.0
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE:1. Measured with I
F=0.5A, I R=1A, Irr=0.25A.
200
ES1Z
A
0.7
IF(AV)
A
IFSM
2.5
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
-55----+150
-55---- +150
15
350
IR
50
100.0
Easily cleaned with Freon,Alcohol,Isopropanol
200
140
Features
Characteristic
Symbol
FAST RECOVERY RECTIFIER DIODES
30.0
Case: DO-41Molded Plastic
!
! Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
! Polarity: Cathode Band
! Weight: 0.34 grams (approx.)
! Mounting Position: Any
! Marking: Type Number
Mechanical Data
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
!
!
!
!
!
!
1 of 2
www.sunmate.tw
ES1
ES1A
400
600
V
280
420
V
400
600
V
1500
1050
1500
ES1F


Similar Part No. - ES1Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES1Z SANKEN-ES1Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES1Z SANKEN-ES1Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
ES1Z BILIN-ES1Z Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
ES1Z DSK-ES1Z Datasheet
282Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - ES1Z

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com