| Electronic Components Datasheet Search |
|
TNETE2201BPJDR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2201BPJDR Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 28 page ![]() TNETE2201B 1.25GIGABIT ETHERNET TRANSCEIVER SLLS367D − JUNE 1999 − REVISED AUGUST 2007 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 comma character not on expected boundary When synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then word realignment is necessary. Realignment or shifting the 10-bit word boundary truncates the character following the misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown in Figure 2. The 10b specification requires that RCLK cycles can not be truncated and can only be stretched or stalled in their current state during realignment. With this design the maximum stretch that occurs is an extra 10 bit times. This occurs during a worst case scenario when the K28.5 is aligned to the falling edge of RBC1 instead of the rising edge. This system transmits a minimum of three consecutively ordered K28.5 data sets between frames and ensures that the receiver sees at least two of K28.5 sets (the fabric is allowed to drop one). Figure 2 shows the timing characteristics of the data realignment. Systems that do not require framed data can disable byte alignment by tying SYNCEN low. When a synchronization character is detected the SYNC signal is asserted high and is aligned with the K28.5 character. The duration of the SYNC-signal pulse is equal to the duration of the data which is half an RCLK period. RBC0 RBC1 SYNC Serial Rx Data Stream DIN_RxP − DIN_RxN K28.5 Dxx.x Dxx.x Dxx.x K28.5 Dxx.x RD0 − RD9 K28.5 Dxx.x Dxx.x Dxx.x Dxx.x K28.5 20 Bit Times (MAX) Typical Receive Path Latency = 18 ns Dxx.x Dxx.x Dxx.x Worst Case Misaligned K28.5 Corrupted Data Misalignment Corrected 10 Bit Times 10 Bit Times Dxx.x K28.5 K28.5 Dxx.x K28.5 Figure 2. Word Realignment Timing Characteristics Waveforms data reception latency The serial-to-parallel data latency is the time from when the first bit arrives at the receiver until it is output in the aligned parallel word with RD0 received as first bit. The receive latency is typically 18 ns. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |