Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3404V/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # TP3404V/NOPB
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TP3404V/NOPB Datasheet HTML 8Page - Texas Instruments TP3404V/NOPB Datasheet HTML 9Page - Texas Instruments TP3404V/NOPB Datasheet HTML 10Page - Texas Instruments TP3404V/NOPB Datasheet HTML 11Page - Texas Instruments TP3404V/NOPB Datasheet HTML 12Page - Texas Instruments TP3404V/NOPB Datasheet HTML 13Page - Texas Instruments TP3404V/NOPB Datasheet HTML 14Page - Texas Instruments TP3404V/NOPB Datasheet HTML 15Page - Texas Instruments TP3404V/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NRND
TP3404
SNOS703 – DECEMBER 2004
www.ti.com
Table 6. Status Register Functions
Byte 2
Indication
7
6
5
4
3
2
1
0
0
0
Line 3: deactivated
0
1
Line 3: line signal present but not in sync
1
0
Line 3: activated, bipolar violation (1)
1
1
Line 3: activated, no bipolar violation
0
0
Line 2: deactivated
0
1
Line 2: line signal present but not in sync
1
0
Line 2: activated, bipolar violation (1)
1
1
Line 2: activated, no bipolar violation
0
0
Line 1: deactivated
0
1
Line 1: line signal present but not in sync
1
0
Line 1: activated, bipolar violation (1)
1
1
Line 1: activated, no bipolar violation
0
0
Line 0: deactivated
0
1
Line 0: line signal present but not in sync
1
0
Line 0: activated, bipolar violation (1)
1
1
Line 0: activated, no bipolar violation
(1)
Bipolar Violation does not cause an Interrupt.
STATUS REGISTER
Status information for all 4 channels may be read from the common Status Register by addressing location X
′FF.
2 bits per line are coded as shown in Table 6. A change in the status of 1 or more lines is indicated by the INT
pin being pulled low, provided bit 2 of the corresponding control register is set to “ONE” to enable the interrupt for
that line.
BIPOLAR VIOLATION DETECTOR
On an activated line, whenever a line error is received there will be a violation of the AMI coding rule. This is
reported by setting the code 10 for that line. The violation indication is cleared to 11 after a read of the Status
Register.
As an example of the interpretation of the Status Register contents, if the byte 2 read back from the Status
Register =00111001 (=X
′39), this indicates the following status of the 4 lines: line 3 is deactivated; line 2 is in
sync with no error since the last read cycle; line 1 is in sync but there has been 1 or more errors since the last
read cycle of the Status Register; line 0 is receiving a line signal but the line transmission is not synchronized.
12
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com