Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4894MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4894MM
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4894MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4894MM Datasheet HTML 10Page - National Semiconductor (TI) LM4894MM Datasheet HTML 11Page - National Semiconductor (TI) LM4894MM Datasheet HTML 12Page - National Semiconductor (TI) LM4894MM Datasheet HTML 13Page - National Semiconductor (TI) LM4894MM Datasheet HTML 14Page - National Semiconductor (TI) LM4894MM Datasheet HTML 15Page - National Semiconductor (TI) LM4894MM Datasheet HTML 16Page - National Semiconductor (TI) LM4894MM Datasheet HTML 17Page - National Semiconductor (TI) LM4894MM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
Tolerance R
F1
R
F2
V
02 -V01
I
LOAD
20%
0.8R
1.2R
-0.500V
62.5mA
10%
0.9R
1.1R
-0.250V
31.25mA
5%
0.95R 1.05R -0.125V
15.63mA
1%
0.99R 1.01R -0.025V
3.125mA
0%
RR0
0
Similar results would occur if the input resistors were not
carefully matched. Adding input coupling capacitors in be-
tween the signal source and the input resistors will eliminate
this problem, however, to achieve best performance with
minimum component count it is highly recommended that
both the feedback and input resistors matched to 1% toler-
ance or better.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
Power Output
1Wrms
Load Impedance
8
Ω
Input Level
1Vrms
Input Impedance
20k
Ω
Bandwidth
–20kHz ± 0.25dB
A designer must first determine the minimum supply rail to
obtain the specified output power. The supply rail can easily
be found by extrapolating from the Output Power vs Supply
Voltage graphs in the Typical Performance Characteris-
tics section. A second way to determine the minimum supply
rail is to calculate the required VOPEAK using Equation 7
and add the dropout voltages. Using this method, the mini-
mum supply voltage is (Vopeak +(V
DO TOP+(VDO BOT )),
where V
DO BOT and VDO TOP are extrapolated from the
Dropout Voltage vs Supply Voltage curve in the Typical
Performance Characteristics section.
(7)
Using the Output Power vs Supply Voltage graph for an 8W
load, the minimum supply rail just about 5V. Extra supply
voltage creates headroom that allows the LM4894 to repro-
duce peaks in excess of 1W without producing audible dis-
tortion. At this time, the designer must make sure that the
power supply choice along with the output impedance does
not violate the conditions explained in the Power Dissipa-
tion section. Once the power dissipation equations have
been addressed, the required differential gain can be deter-
mined from Equation 7.
(8)
R
f /Ri =AVD
From Equation 7, the minimum A
VD is 2.83. Since the de-
sired input impedance was 20k
Ω, a ratio of 2.83:1 of R
f to Ri
results in an allocation of R
i = 20k
Ω for both input resistors
and R
f= 60k
Ω for both feedback resistors. The final design
step is to address the bandwidth requirement which must be
stated as a single -3dB frequency point. Five times away
from a -3dB point is 0.17dB down from passband response
which is better than the required ±0.25dB specified.
f
H = 20kHz * 5 =100kHz
The high frequency pole is determined by the product of the
desired frequency pole, f
H , and the differential gain, AVD .
With a A
VD = 2.83 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4894 GBWP of
10MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4894 can still be used without running into bandwidth
limitations.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com