Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP11368 Datasheet(PDF) 6 Page - Texas Instruments

Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP11368 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TP11368_11 Datasheet HTML 2Page - Texas Instruments TP11368_11 Datasheet HTML 3Page - Texas Instruments TP11368_11 Datasheet HTML 4Page - Texas Instruments TP11368_11 Datasheet HTML 5Page - Texas Instruments TP11368_11 Datasheet HTML 6Page - Texas Instruments TP11368_11 Datasheet HTML 7Page - Texas Instruments TP11368_11 Datasheet HTML 8Page - Texas Instruments TP11368_11 Datasheet HTML 9Page - Texas Instruments TP11368_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Functional Description (Continued)
by a receive (decoder) operation. For the encoding opera-
tion, the PCM data is stored in the 8-bit shift register at the
falling edge of CE while TRB is high. The TP11368 pro-
cesses the data within 123 CLK periods during the following
cycle of CE. The encoded ADPCM data is loaded into the
5-bit parallel-to-serial output register with the falling edge of
CE. The MSB data is shifted out first with the leading edge of
CE, and subsequent data is shifted out with the rising edge
of ASCK. For the decoding operation, the ADPCM data is
latched and transferred to the core at the falling edge of CE
while TRB is low. The data is processed within 123 CLK pe-
riods and the decoded 8-bit PCM data is shifted out with the
MSB first.
PSCK and ASCK are the clocks for the PCM and ADPCM
data streams, respectively. They must be high during the
transition of CE. Note that PSCK and ASCK are shown as
gated clocks as an option to conserve power. PSCK and
ASCK need only be valid while CE is high.
DS012902-5
FIGURE 3. Serial Output Structure
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com