Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBTA06 Datasheet(PDF) 5 Page - Formosa MS

Part # FMBTA06
Description  Drive NPN Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA06 Datasheet(HTML) 5 Page - Formosa MS

  FMBTA06 Datasheet HTML 1Page - Formosa MS FMBTA06 Datasheet HTML 2Page - Formosa MS FMBTA06 Datasheet HTML 3Page - Formosa MS FMBTA06 Datasheet HTML 4Page - Formosa MS FMBTA06 Datasheet HTML 5Page - Formosa MS FMBTA06 Datasheet HTML 6Page - Formosa MS FMBTA06 Datasheet HTML 7Page - Formosa MS FMBTA06 Datasheet HTML 8Page - Formosa MS FMBTA06 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Formosa MS
Page 5
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FMBTA05 / FMBTA06
Document ID
Issued Date
Revised Date
Revision
Page.
Drive NPN Transistor
DS-231111
2008/02/10
2011/07/21
C
9
FIG3. Capacitance
10
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
20
10
8.0
20
TJ = 25 C
50
1.0
2.0
5.0
0.2
0.5
6.0
4.0
Cibo
Cobo
FIG4. Switching
Time
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
100
50
200
500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25 C
ts
tf
tr
5.0 7.0
30
70
300
700
30
70
td @ VBE(off)= 0.5 V
300
FIG5.
DC Current
Gain
2.0
500
0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
10
TJ = 125 C
1.0
3.0 5.0
VCE = 1.0 V
20
100
30
50
200 300
25 C
-55 C
FIG6.
ON
Voltages
10
500
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
100
TJ = 25 C
VBE(sat)@ IC/IB= 10
VCE(sat)@ IC/IB= 10
VBE(on)@ VCE = 1.0 V
0.5
2.0
5.0
200
20
50
FIG7. Collector
Saturation
Region
0.1
10
0.05
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
1.0
TJ = 25 C
50
IC =
100 mA
IC =
50 mA
IC =
250 mA
IC =
500 mA
IC =
10 mA
20
2.0
5.0
0.2
0.5
FIG8. Base-Emitter
Temperature
Coefficient
100
500
0.5
IC, COLLECTOR CURRENT (mA)
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
10
θVB for VBE
1.0
2.0
5.0
20
50
200
"
"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com