Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3852ES-5.0 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3852ES-5.0
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3852ES-5.0 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3852ES-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 13Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 14Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 15Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 16Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 17Page - National Semiconductor (TI) LP3852ES-5.0 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Hints (Continued)
Attention should be paid to the units of measurement. Spot
noise is measured in units µV/
√Hz or nV/√Hz and total output
noise is measured in µV(rms).
The primary source of noise in low-dropout regulators is the
internal reference. In CMOS regulators, noise has a low
frequency component and a high frequency component,
which depend strongly on the silicon area and quiescent
current. Noise can be reduced in two ways: by increasing the
transistor area or by increasing the current drawn by the
internal reference. Increasing the area will decrease the
chance of fitting the die into a smaller package. Increasing
the current drawn by the internal reference increases the
total supply current (ground pin current). Using an optimized
trade-off of ground pin current and die size, LP3852/LP3855
achieves low noise performance and low quiescent current
operation.
The total output noise specification for LP3852/LP3855 is
presented in the Electrical Characteristics table. The Output
noise density at different frequencies is represented by a
curve under typical performance characteristics.
SHORT-CIRCUIT PROTECTION
The LP3852 and LP3855 are short circuit protected and in
the event of a peak over-current condition, the short-circuit
control loop will rapidly drive the output PMOS pass element
off. Once the power pass element shuts down, the control
loop will rapidly cycle the output on and off until the average
power dissipation causes the thermal shutdown circuit to
respond to servo the on/off cycling to a lower frequency.
Please refer to the section on thermal information for power
dissipation calculations.
ERROR FLAG OPERATION
The LP3852/LP3855 produces a logic low signal at the Error
Flag pin when the output drops out of regulation due to low
input voltage, current limiting, or thermal limiting. This flag
has a built in hysteresis. The timing diagram in Figure 3
shows the relationship between the ERROR flag and the
output voltage. In this example, the input voltage is changed
to demonstrate the functionality of the Error Flag.
The internal Error flag comparator has an open drain output
stage. Hence, the ERROR pin should be pulled high through
a pull up resistor. Although the ERROR flag pin can sink
current of 1mA, this current is energy drain from the input
supply. Hence, the value of the pull up resistor should be in
the range of 10k
Ω to 1MΩ. The ERROR pin must be
connected to ground if this function is not used. It should
also be noted that when the shutdown pin is pulled low, the
ERROR pin is forced to be invalid for reasons of saving
power in shutdown mode.
SENSE PIN
In applications where the regulator output is not very close to
the load, LP3855 can provide better remote load regulation
using the SENSE pin. Figure 4 depicts the advantage of the
SENSE option. LP3852 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be the regu-
lator output voltage minus the drop across the trace resis-
tance. For example, in the case of a 3.3V output, if the trace
resistance is 100m
Ω, the voltage at the remote load will be
3.15V with 1.5A of load current, I
LOAD. The LP3855 regulates
the voltage at the sense pin. Connecting the sense pin to the
remote load will provide regulation at the remote load, as
shown in Figure 4. If the sense option pin is not required, the
sense pin must be connected to the V
OUT pin.
20031007
FIGURE 3. Error Flag Operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com