Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM339PW
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM339PW Datasheet HTML 2Page - Texas Instruments LM339PW Datasheet HTML 3Page - Texas Instruments LM339PW Datasheet HTML 4Page - Texas Instruments LM339PW Datasheet HTML 5Page - Texas Instruments LM339PW Datasheet HTML 6Page - Texas Instruments LM339PW Datasheet HTML 7Page - Texas Instruments LM339PW Datasheet HTML 8Page - Texas Instruments LM339PW Datasheet HTML 9Page - Texas Instruments LM339PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
LM139, LM139A, LM239, LM239A,
LM339, LM339A, LM2901, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006L − OCTOBER 1979 − REVISED JUNE 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
LM239
LM339
LM239A
LM339A
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC = 5 V to 30 V,
VIC = VICR(min),
25
°C
2
5
1
3
mV
VIO
Input offset voltage
VIC = VICR(min),
VO = 1.4 V
Full range
9
4
mV
IIO
Input offset current
VO = 1.4 V
25
°C
5
50
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
150
150
nA
IIB
Input bias current
VO = 1.4 V
25
°C
−25
−250
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−400
−400
nA
VICR
Common-mode
25
°C
0 to
VCC−1.5
0 to
VCC−1.5
V
VICR
Common-mode
input-voltage range
Full range
0 to
VCC−2
0 to
VCC−2
V
AVD
Large-signal
differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
50
200
50
200
V/mV
IOH
High-level output
VID = 1 V
VOH = 5 V
25
°C
0.1
50
0.1
50
nA
IOH
High-level output
current
VID = 1 V
VOH = 30 V
Full range
1
1
µA
VOL
Low-level output
VID = −1 V,
IOL = 4 mA
25
°C
150
400
150
400
mV
VOL
Low-level output
voltage
VID = −1 V,
IOL = 4 mA
Full range
700
700
mV
IOL
Low-level output
current
VID = −1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
ICC
Supply current
VO = 2.5 V,
No load
25
°C
0.8
2
0.8
2
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
25
°C
0.8
2
0.8
2
mA
† All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
‡ Full range (MIN to MAX) for LM239 and LM239A is −25°C to 85°C, for LM339 and LM339A is 0°C to 70°C. All characteristics are measured with
zero common-mode input voltage, unless otherwise specified.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
LM239, LM239A,
LM339, LM339A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5 V through 5.1 kΩ,
§
100-mV input step with 5-mV overdrive
1.3
µs
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF§, See Note 8
TTL-level input step
0.3
µs
§ CL includes probe and jig capacitance.
NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com