Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5016CF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBI5016CF
Description  16-bit Constant Current LED Sink Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5016CF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBI5016CF Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MBI5016
16-bit Constant Current LED Sink Driver
May 2003, V1.6
- 2 -
Terminal Description
Block Diagram
PIN NO.
PIN NAME
FUNCTION
1
GND
Ground terminal for control logic and current
sink
2
SDI
Serial-data input to the shift register
3
CLK
Clock input terminal for data shift on rising
edge
4
/LE
Data strobe input terminal
Serial data is transferred to the output latch
when /LE is high. The data is latched when
/LE goes low.
5~20
OUT0~OUT15 Constant current output terminals
21
/OE
Output enable terminal
When (active) low, the output drivers are
enabled; when high, all output drivers are
turned OFF (blanked).
22
SDO
Serial-data output to the following SDI of
next driver IC
23
R-EXT
Input terminal used to connect an external
resistor for setting up output current for all
output channels
24
VDD
5V supply voltage terminal
Pin Description
GND
SDI
CLK
/LE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
/OE
SDO
R-EXT
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
17
18
19
20
21
22
23
24
OUT0
OUT1
OUT15
R-EXT
/OE
/LE
SDI
SDO
CK
CK
CK
I-REG.
Q
ST
Q
Q
CLK
D
ST
D
ST
D
D
DQ
DQ
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com