Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4682BM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4682BM
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682BM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4682BM Datasheet HTML 1Page - Micrel Semiconductor MIC4682BM Datasheet HTML 2Page - Micrel Semiconductor MIC4682BM Datasheet HTML 3Page - Micrel Semiconductor MIC4682BM Datasheet HTML 4Page - Micrel Semiconductor MIC4682BM Datasheet HTML 5Page - Micrel Semiconductor MIC4682BM Datasheet HTML 6Page - Micrel Semiconductor MIC4682BM Datasheet HTML 7Page - Micrel Semiconductor MIC4682BM Datasheet HTML 8Page - Micrel Semiconductor MIC4682BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2003
1
M0334-102203
MIC4682
Micrel
MIC4682
Precision Current Limit SO-8 SuperSwitcher™ Buck Regulator
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
General Description
The MIC4682 is an easy-to-use step-down (buck) switch-
mode voltage regulator. It features a programmable current
limit that allows 10% current limit accuracy over its full
operating temperature range. The precision current limit
makes the MIC4682 ideal for constant-voltage constant-
current applications, such as simple battery chargers. The
precision current limit also gives designers the ability to set
the maximum output current below the saturation current
rating of the inductor. This allows the use of the smallest
possible inductors for a given application, saving valuable
space and cost.
The MIC4682 is a very robust device. Its 4V to 34V input
voltage range allows the MIC4682 to safely be used in
applications where voltage transients may be present. Addi-
tional protection features include cycle-by-cycle current lim-
iting and over-temperature shutdown. The MIC4682 is avail-
able in a thermally optimized power SO-8 package that allows
it to achieve 2A of continuous output current.
The MIC4682 requires a minimum number of external com-
ponents and can operate using a standard series of induc-
tors. Compensation is provided internally for fast transient
response and ease of use. The MIC4682 is available in the 8-
lead power SOP with a –40
°C to +125°C junction tempera-
ture range.
Typical Application
SW
L1
68
µH
IN
FB
ISET
SHDN
C2
220
µF
10V
R1
3.01k
R3
10M
R4
16.2k
R2
976
Ω
5V/1A
MIC4682
C1
10
µF
50V
(x2)
+7.5V to +34V
2, 6, 7
1
8
5
4
D1
B240
GND
3
0
1
2
3
4
5
6
0
0.5
1
1.5
2
CURRENT LIMIT (A)
MIC4682 Current Limit
Characteristics
V
IN = 12V
Constant Current/Constant Voltage Li Ion Battery Charger
Features
• Programmable output current limit
• 10% accuracy over temperature
• Wide 4V to 34V operating input voltage range
• Fixed 200kHz PWM operation
• Power SO-8 package allows 2A continuous output
current
• All surface mount solution
• Internally compensated
• Less than 1
µA typical shutdown-mode current
• Thermal shutdown protection
Applications
• Battery chargers
• White LED drivers
• Constant voltage constant current step-down converters
• Simple step-down regulator with precise current limit
• USB power supplies
SuperSwitcher is a trademark of Micrel, Inc.


Similar Part No. - MIC4682BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4682BM MICREL-MIC4682BM Datasheet
912Kb / 15P
Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
More results

Similar Description - MIC4682BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4682 MICREL-MIC4682_07 Datasheet
912Kb / 15P
Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com