Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGP30B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FGP30B
Description  GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FGP30B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FGP30B Datasheet HTML 1Page - SUNMATE electronic Co., LTD FGP30B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FGP30B - FGP30D
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
Symbol
VOLTAGE RANGE: 100 - 200V
FGP30D
FGP30C
FGP30B
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
Volts
Maximum RMS Voltage
VRMS
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
100
150
200
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
IF(AV)
3.0
Amps.
Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
125
Amps.
Maximum Peak Forward Voltage at IF = 3.0 A.
VF
0.95
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Features
Mechanical Data
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Super fast recovery time
Case : DO-201AD Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 1.21 grams
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CURRENT: 3.0 A
1 of 2
Characteristic
Unit
!
!
!
!
!
!
!
!
!
!
!
!
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
www.sunmate.tw
Method 208 guaranteed


Similar Part No. - FGP30B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP30B VISHAY-FGP30B Datasheet
275Kb / 3P
Glass Passivated Ultrafast Rectifier
10-Aug-05
FGP30B VISHAY-FGP30B Datasheet
78Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B Datasheet
72Kb / 4P
Glass Passivated Ultrafast Plastic Rectifier
12-Dec-13
FGP30B VISHAY-FGP30B_11 Datasheet
78Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
More results

Similar Description - FGP30B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
BYM12-50 SUNMATE-BYM12-50 Datasheet
332Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
UF1000 SUNMATE-UF1000 Datasheet
274Kb / 2P
ULTRAFAST GLASS PASSIVATED RECTIFIER DIODES
FGP10B SUNMATE-FGP10B Datasheet
338Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP20B SUNMATE-FGP20B Datasheet
364Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com