Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3040CT Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MBR3040CT
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MBR3040CT Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MBR3040CT Datasheet HTML 1Page - Bruckewell Technology LTD MBR3040CT Datasheet HTML 2Page - Bruckewell Technology LTD MBR3040CT Datasheet HTML 3Page - Bruckewell Technology LTD MBR3040CT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBR3040CT
Dual Common-Cathode
High-Voltage Schottky Rectifier
Publication Order Number: [MBR3040CT]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MBR3040CT is a N-channel enhancement-mode
MOSFET , providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220F
package is universally preferred for all
commercial-industrial applications
Features
• Guard ring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder Dip 260 °C, 40 s
• RoHS compliant package
Application
For use in high frequency rectifier of switching mode
power supplies, freewheeling diodes, dc-to-dc converters
or polarity protection application.
Mechanical Data
Case: TO-220AB
Molding compound meets UL 94 V-0 flammability rating
Terminals: Matte tin plated leads, solderable per meets
JESD 201
Polarity: As marked
Weight: 2.4 grams
Mounting Torque: 10 in-lbs maximum
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol


Similar Part No. - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3040CT MCC-MBR3040CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
List of Unclassifed Man...
MBR3040CT ETC1-MBR3040CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Pan Jit International I...
MBR3040CT PANJIT-MBR3040CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3040CT BILIN-MBR3040CT Datasheet
309Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR3040CT SIRECTIFIER-MBR3040CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode High Voltage Schottky Rectifier
19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
Dual Common-Cathode High-Voltage Schottky Rectifier
09-Aug-11
logo
Nell Semiconductor Co.,...
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
Dual Common Cathode High-Voltage Schottky Rectifier
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
Dual Common Cathode High-Voltage Schottky Rectifier,
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier
17-Aug-15
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
13-Aug-13
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
11-Dec-14
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
18-Mar-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com