Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MB1S
Description  Glass passivated chip junctions.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB1S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MB1S Datasheet HTML 1Page - Bruckewell Technology LTD MB1S Datasheet HTML 2Page - Bruckewell Technology LTD MB1S Datasheet HTML 3Page - Bruckewell Technology LTD MB1S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB1S-MB10S
PRV : 100 - 1000 Volts
Io : 0.8 Ampere
Publication Order Number: [MB1S-MB10S]
© Bruckewell Technology Corporation Rev. A -2014
Rating at 25 °C ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
Rating
Symbol
MB01S
MB02S
MB04S
MB06S
MB08S
MB10S
Unit
Current Squared Time at t < 8.3 ms.
I
2t
5.0
A
2S
Maximum Instantaneous Forward Voltage
per element at IF = 0.4 A
VF
1.0
V
Maximum DC Reverse Current Ta = 25°C
at Rated DC Blocking Voltage Ta = 125°C
IR
5.0
μA
IR(H)
100
μA
Typical Junction Capacitance per element
Cj
13
(3)
pF
Typical Thermal Resistance
RθJA
85
(1)
°C/W
Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Notes :
(1) On glass epoxy P.C Board mounted on 0.5" x 0.5" (13mm x 13mm) Pads.
(2) On aluminum substrate P.C.B. with an area 0.8" x 0.8" (20mm x 20mm) mounted on 0.5" x 0.5" (13mm x
13mm) Pads.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com