Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB14S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MB14S
Description  Surface Mount Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB14S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MB14S Datasheet HTML 1Page - Bruckewell Technology LTD MB14S Datasheet HTML 2Page - Bruckewell Technology LTD MB14S Datasheet HTML 3Page - Bruckewell Technology LTD MB14S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB12S-110S
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [MB12S-110S]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage
per element at IF = 1.0 A
VF
0.50
0.50
0.70
0.85
0.85
V
Maximum reverse current Tj=25°C
IR
30
u'A
at working peak reverse voltage Tj=125°C
-55 to +150 °C
m'A
Storage temperature range
TSTG
-55 to +150 °C
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
MB12S-110S
°C/W
RθJA
85
Rthjl
28
NOTE
:
1.Pulse test: Pulse width 300us, duty cycle 1% (13mm x 13mm) Copper Pads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com