Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB08S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MB08S
Description  Glass passivated chip junctions.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB08S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MB08S Datasheet HTML 1Page - Bruckewell Technology LTD MB08S Datasheet HTML 2Page - Bruckewell Technology LTD MB08S Datasheet HTML 3Page - Bruckewell Technology LTD MB08S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MB1S-MB10S
PRV : 100 - 1000 Volts
Io : 0.8 Ampere
Publication Order Number: [MB1S-MB10S]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Glass passivated chip junctions.
• High surge overload rating : 35A peak
• Saves space on printed circuit boards.
• High temperature soldering guaranteed: 260 °C/10
seconds.
• RoHS compliant package
Mechanical Characteristics
• Case : Molded plastic
• Epoxy : UL94V-O rate flame retardant
• Terminals : Plated Lead solderable per
MIL-STD-750,Method 2026
• Polarity : Polarity symbols marked on body
• Mounting position : Any
• Weight : 0.22 gram
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
Rating
Symbol
MB01S
MB02S
MB04S
MB06S
MB08S
MB10S
Unit
Maximum recurrent peak reverse voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Output
Rectified Current (See Fig.1)
IF(AV)
0.5 (1) (on glass-epoxy P.C.B.)
0.8 (2) (on aliminum substrate)
A
Maximum Peak Forward Surge Current
Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
35
A


Similar Part No. - MB08S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB08S BWTECH-MB08S Datasheet
227Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Olitech Electronics Co....
MB08S OLITECH-MB08S Datasheet
516Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - MB08S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
Glass passivated junctions
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
382Kb / 12P
SIDACs feature glass-passivated junctions to ensure a rugged and dependable
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
Glass passivated chip junctions
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
Glass Passivated chip junctions
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
GLASS PASSIVATED JUNCTIONS
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
Glass passivated chip junctions
MB6S FS-MB6S Datasheet
201Kb / 2P
Glass passivated chip junctions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com