Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHS5404 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHS5404
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5404 Datasheet(HTML) 2 Page - ON Semiconductor

  NTHS5404 Datasheet HTML 1Page - ON Semiconductor NTHS5404 Datasheet HTML 2Page - ON Semiconductor NTHS5404 Datasheet HTML 3Page - ON Semiconductor NTHS5404 Datasheet HTML 4Page - ON Semiconductor NTHS5404 Datasheet HTML 5Page - ON Semiconductor NTHS5404 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTHS5404
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Maximum Junction−to−Ambient (Note 2)
t
v 5 sec
Steady State
RqJA
40
80
50
95
°C/W
Maximum Junction−to−Foot (Drain)
Steady State
RqJF
15
20
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
−
−
V
Gate−Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
−
−
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
−
−
1.0
mA
VDS = 16 V, VGS = 0 V,
TJ = 85°C
−
−
5.0
On−State Drain Current (Note 3)
ID(on)
VDS w 5.0 V, VGS = 4.5 V
20
−
−
A
Drain−Source On−State Resistance (Note 3)
rDS(on)
VGS = 4.5 V, ID = 5.2 A
−
0.025
0.030
W
()
VGS = 2.5 V, ID = 4.3 A
−
0.038
0.045
Forward Transconductance (Note 3)
gfs
VDS = 10 V, ID = 5.2 A
−
20
−
S
Diode Forward Voltage (Note 3)
VSD
IS = 5.2 A, VGS = 0 V
−
0.8
1.2
V
Dynamic (Note 4)
Total Gate Charge
QG
−
12
18
nC
Gate−Source Charge
QGS
VDS = 10 V, VGS = 4.5 V,
ID = 5.2 A
−
2.4
−
Gate−Drain Charge
QGD
ID = 5.2 A
−
3.2
−
Turn−On Delay Time
td(on)
−
20
30
ns
Rise Time
tr
VDD = 10 V, RL = 10 W
ID ^ 10A VGEN =45V
−
40
60
Turn−Off Delay Time
td(off)
ID ^ 1.0 A, VGEN = 4.5 V,
RG = 6 W
−
40
60
Fall Time
tf
G
−
15
23
Source−Drain Reverse Recovery Time
trr
IF = 1.1 A, di/dt = 100 A/ms
−
30
60
2. Surface Mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com