Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA73 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA73
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA73 Datasheet(HTML) 1 Page - Cirrus Logic

  PA73 Datasheet HTML 1Page - Cirrus Logic PA73 Datasheet HTML 2Page - Cirrus Logic PA73 Datasheet HTML 3Page - Cirrus Logic PA73 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• LOW COST, ECONOMY MODEL — PA01
• HIGH OUTPUT CURRENT — Up to ±5A PEAK
• EXCELLENT LINEARITY — PA01
• HIGH SUPPLY VOLTAGE — Up to ±30V
• ISOLATED CASE — 300V
APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 4A
• POWER TRANSDUCERS UP TO 20kHz
• TEMPERATURE CONTROL UP TO 180W
• PROGRAMMABLE POWER SUPPLIES UP TO 48V
• AUDIO AMPLIFIERS UP TO 50W RMS
DESCRIPTION
The PA01 and PA73 are high voltage, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. For optimum linearity, the PA01 has a
class A/B output stage. The PA73 has a simple class C output
stage (see Note 1) to reduce cost for motor control and other
applications where crossover distortion is not critical and to
provide interchangeability with type 3573 amplifiers. The
safe operating area (SOA) can be observed for all operating
conditions by selection of user programmable current limit
resistors. These amplifiers are internally compensated for all
gain settings. For continuous operation under load, a heatsink
of proper rating is recommended.
This hybrid integrated circuit utilizes thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. The
use of compressible thermal washers and/or improper mount-
ing torque will void the product warranty. Please see “General
Operating Considerations”.
EXTERNAL CONNECTIONS
���
����
���
���
����
����
���
���
�
�
��������
����
����
������
�
�
�
�
�
�
�
�
NOTE 1: * Indicates not used in PA73. Open base of Q2A
connected to output of A1.
TYPICAL APPLICATION
Unidirectional Optical Speed Control
The pulse output of a non-contact optical sensor drives a
voltage-to-frequency converter which generates feedback for
the op amp. With the loop closed in this manner, the op amp
corrects for any variations in the speed due to changing load.
Because of operation in only one direction, an unsymmetrical
supply is used to maximize efficiency of both power op amp
and power supply. High speed diodes at the input protect the
op amp from commutator noise which may be generated by
the motor.
EQUIVALENT SCHEMATIC
���
����
���
����
���
��
���
����
��
���
����
�����
����
����
����
���
����
���
�����
�
�����
������
�������������������������������������
�
�
�
�
�
�
�
��
��
��
��
��
��
��
���
���
���
���
�
�
�
�
�
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
�����������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA73

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA73 CIRRUS-PA73 Datasheet
343Kb / 5P
POWER OPERATIONAL AMPLIFIER
PA73 CIRRUS-PA73 Datasheet
206Kb / 5P
Power Operational Amplifier
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PA7375-J15-D-T UTC-PA7375-J15-D-T Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PA7375G-J15-D-T UTC-PA7375G-J15-D-T Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - PA73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com