Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA15A Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA15A
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA15A Datasheet(HTML) 4 Page - Cirrus Logic

  PA15A Datasheet HTML 1Page - Cirrus Logic PA15A Datasheet HTML 2Page - Cirrus Logic PA15A Datasheet HTML 3Page - Cirrus Logic PA15A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA15U REV. D MARCH 1999
© 1999 Apex Microtechnology Corp.
OPERATING
CONSIDERATIONS
PA15 • PA15A
GENERAL
Please read Application Note 1 “General Operating Consid-
erations”, which covers stability, supplies, heatsinking, mount-
ing, current limit, SOA interpretation, and specification inter-
pretation. Additional information can be found in other applica-
tion notes. For information on the package outline, heatsinks,
and mounting hardware, consult the “Accessory and Package
Mechanical Data” section of the data book.
CURRENT LIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 2 ohm, however for optimum reliability the
resistor value should be set as high as possible. The value is
calculated as follows; with the maximum practical value of 150
ohms.
.6
R
CL =
I
LIM
SAFE OPERATING AREA (SOA)
The MOSFET output stage of this power operational ampli-
fier has two distinct limitations:
1. The current handling capability of the MOSFET geometry
and the wire bonds.
2. The junction temperature of the output MOSFETs.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery diodes should be used. Pulsed output
currents may not reach 350 mA with V
S – VO less than 25V.
INPUT PROTECTION
Although the PA15 can withstand differential input voltages
up to
±25V, additional external protection is recommended. In
most applications 1N4148 or 1N914 signal diodes are suffi-
cient (D1-D4 in Figure 2a). In more demanding applications
where low leakage or low capacitance are of concern 2N4416
or 2N5457-2N5459 JFETs connected as diodes will be re-
quired (Q1-Q4 in Figure 2b). In either case the input differential
voltage will be clamped to
±1.4V. This is sufficient overdrive to
produce maximum power bandwidth.
POWER SUPPLY PROTECTION
Unidirectional zener diode transient suppressors are recom-
mended as protection on the supply pins. The zeners clamp
transients to voltages within the power supply rating and also
clamp power supply reversals to ground. Whether the zeners
are used or not, the system power supply should be evaluated
for transient performance including power-on overshoot and
power-off polarity reversals as well as line regulation.
Conditions which can cause open circuits or polarity rever-
sals on either power supply rail should be avoided or protected
against. Reversals or opens on the negative supply rail are
known to induce input stage failure. Unidirectional transzorbs
prevent this, and it is desirable that they be both electrically and
physically as close to the amplifier as possible.
STABILITY
The PA15 has sufficient phase margin to be stable with most
capacitive loads at a gain of 10 or more, using the recom-
mended phase compensation.
The PA15 is externally compensated and performance can
be tailored to the ap-
plication. Use the
graphs of small sig-
nal response and
power response as a
guide. The compen-
sation capacitor C
C
must be rated at
500V working volt-
age. An NPO capaci-
tor is recommended.
The compensation
network C
CRC must
be mounted closely
to the amplifier pins
8 and 9 to avoid spu-
rious oscillation.
FIGURE 2. OVERVOLTAGE PROTECTION
PA15
+V
S
–IN
+IN
Z1
Z2
D4
D3
6
5
1
2
+V
S
Z1
Z2
6
5
PA15
a.
b.
–V
S
–V
S
D2
D1
–IN
+IN
1
2
Q1
Q2
Q3
Q4
SUPPLY TO OUTPUT DIFFERENTIAL, V
S –VO (V)
25
50
75
100
250
500
10
20
30
50
100
200
300
500
DC,
T
C
=
125°C
DC,
T
C
=
85°C
200mS
PULSE CURVES @ 10% DUTY CYCLE MAX
DC,
T
C
=
25°C
100mS
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com