Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3010DB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DB Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 19Page - Texas Instruments PCM3010DB Datasheet HTML 20Page - Texas Instruments PCM3010DB Datasheet HTML 21Page - Texas Instruments PCM3010DB Datasheet HTML 22Page - Texas Instruments PCM3010DB Datasheet HTML 23Page - Texas Instruments PCM3010DB Datasheet HTML 24Page - Texas Instruments PCM3010DB Datasheet HTML 25Page - Texas Instruments PCM3010DB Datasheet HTML 26Page - Texas Instruments PCM3010DB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
23
www.ti.com
power supply on, external reset and power down (continued)
Zero
VCC1, VDD
(VCC1 = 5 V,
VDD = 3.3 V, Typ)
0 V
(VCC1 = 4 V, VDD = 2.2 V, Typ)
LRCK, BCK, SCKI
PDWN
Internal Reset
VOUTL, VOUTR
DOUT
Synchronous Clocks
1024 SCKI
Power Down
Normal Operation
tDACDLY1 2100/fS
VCOM (0.5 VCC2)
tADCDLY1 4500/fS
Figure 45. DAC Output and ADC Output for Power-On Reset
DOUT
VCC1, VDD
0 V
Synchronous Clocks
LRCK, BCK, SCKI
Synchronous Clocks
PDWN
Internal Reset
Power Down
Normal Operation
1024 SCKI
Normal Operation
VOUTL, VOUTR
Zero
VCOM (0.5 VCC2)
tADCDLY1 4500/fS
tDACDLY1
2100/fS
tDACDLY1
2100/fS
(VCC1 = 5 V,
VDD = 3.3 V, Typ)
Figure 46. DAC Output and ADC Output for External Reset (PDWN Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com