Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9658 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # P9658
Description  MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

P9658 Datasheet(HTML) 1 Page - Samsung semiconductor

  P9658 Datasheet HTML 1Page - Samsung semiconductor P9658 Datasheet HTML 2Page - Samsung semiconductor P9658 Datasheet HTML 3Page - Samsung semiconductor P9658 Datasheet HTML 4Page - Samsung semiconductor P9658 Datasheet HTML 5Page - Samsung semiconductor P9658 Datasheet HTML 6Page - Samsung semiconductor P9658 Datasheet HTML 7Page - Samsung semiconductor P9658 Datasheet HTML 8Page - Samsung semiconductor P9658 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
S3C9654/C9658/P9658
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM88RCRI PRODUCT FAMILY
Samsung's SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide
range of integrated peripherals, and supports OTP device.
A dual address/data bus architecture and bit- or nibble-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating
modes are included to support real-time operations.
S3C9654/C9658/P9658 MICROCONTROLLER
The S3C9654/C9658/P9658 microcontroller with USB function can be used in a wide range of general purpose
applications. It is especially suitable for mouse or joystick controller and is available in 16, 18, 20-pin DIP and
SOP package.
The S3C9654/C9658/P9658 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is
built around the powerful SAM88RCRI CPU core.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The S3C9654/C9658/P9658 has 4/8 Kbytes of
program memory on-chip (S3C9654/C9658), and 208 bytes of RAM including 16 bytes of working register.
Using the SAM88RCRI design approach, the following peripherals were integrated with the SAM88RCRI core:
— Three configurable I/O ports (14 pin, at 20 pin)
— 14-bit programmable pins for external interrupts (at 20 pin)
— 8-bit timer/counter with two operating modes
OTP
The S3C9654/C9658 microcontroller is also available in OTP (One Time Programmable) version. S3P9658
microcontroller has an on-chip 4/8 Kbyte one-time-programmable EPROM instead of masked ROM. The
S3P9658 is comparable to S3C9654/C9658, both in function and in pin configuration.


Similar Part No. - P9658

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P960-001-M2 TRIPPLITE-P960-001-M2 Datasheet
174Kb / 2P
M.2 NGFF SATA SSD (B-Key) to 2.5 in. SATA Enclosure Adapter
P960-001-M2-NE TRIPPLITE-P960-001-M2-NE Datasheet
176Kb / 2P
M.2 NGFF SSD (B-Key) to 2.5 in. SATA Open-Frame Housing Adapter
P960-001-MSATA TRIPPLITE-P960-001-MSATA Datasheet
171Kb / 2P
mSATA SSD to 2.5 in. SATA Enclosure Adapter Converter
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
PbSe photoconductive detector
P9696-02 HAMAMATSU-P9696-02 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
More results

Similar Description - P9658

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com